Electronic Components Datasheet Search |
|
MC-4516CA727XFA Datasheet(PDF) 6 Page - Elpida Memory |
|
MC-4516CA727XFA Datasheet(HTML) 6 Page - Elpida Memory |
6 / 14 page Data Sheet E0231N20 (Ver. 2.0) 6 MC-4516CA727XFA DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted) -A75 Parameter Symbol Test condition MIN. MAX. Unit Notes Operating current ICC1 Burst length = 1 /CAS latency = 2 900 mA 1 tRC ≥ tRC(MIN.), IO = 0 mA /CAS latency = 3 945 Precharge standby current in ICC2P CKE ≤ VIL(MAX.), tCK = 15 ns 9 mA power down mode ICC2PS CKE ≤ VIL(MAX.), tCK = ∞ 9 Precharge standby current in non power down mode ICC2N CKE ≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.), Input signals are changed one time during 30 ns. 180 mA ICC2NS CKE ≥ VIH(MIN.), tCK = ∞ Input signals are stable. 72 Active standby current in ICC3P CKE ≤ VIL(MAX.), tCK = 15 ns 45 mA power down mode ICC3PS CKE ≤ VIL(MAX.), tCK = ∞ 36 Active standby current in ICC3N CKE ≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.), 270 mA non power down mode Input signals are changed one time during 30 ns. ICC3NS CKE ≥ VIH(MIN.), tCK = ∞, Input signals are stable. 180 Operating current (Burst mode) ICC4 tCK ≥ tCK(MIN.), IO = 0 mA /CAS latency = 2 1,080 mA 2 /CAS latency = 3 1,395 CBR (Auto) refresh current ICC5 tRC ≥ tRC(MIN.) /CAS latency = 2 2,070 mA 3 /CAS latency = 3 2,160 Self refresh current ICC6 CKE ≤ 0.2 V 18 mA Input leakage current II(L) VI = 0 to 3.6 V, All other pins not under test = 0 V – 9 + 9 µA Output leakage current IO(L) DOUT is disabled, VO = 0 to 3.6 V – 1.5 + 1.5 µA High level output voltage VOH IO = – 4 mA 2.4 V Low level output voltage VOL IO = + 4 mA 0.4 V Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.). 2. ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.). 3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.). |
Similar Part No. - MC-4516CA727XFA |
|
Similar Description - MC-4516CA727XFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |