Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS2504APTA-7AL Datasheet(PDF) 2 Page - Elpida Memory

Part # EDS2504APTA-7AL
Description  256M bits SDRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2504APTA-7AL Datasheet(HTML) 2 Page - Elpida Memory

  EDS2504APTA-7AL Datasheet HTML 1Page - Elpida Memory EDS2504APTA-7AL Datasheet HTML 2Page - Elpida Memory EDS2504APTA-7AL Datasheet HTML 3Page - Elpida Memory EDS2504APTA-7AL Datasheet HTML 4Page - Elpida Memory EDS2504APTA-7AL Datasheet HTML 5Page - Elpida Memory EDS2504APTA-7AL Datasheet HTML 6Page - Elpida Memory EDS2504APTA-7AL Datasheet HTML 7Page - Elpida Memory EDS2504APTA-7AL Datasheet HTML 8Page - Elpida Memory EDS2504APTA-7AL Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
EDS2504ACTA/08ACTA/16ACTA, EDS2504APTA/08APTA/16APTA
Data Sheet E0110E30 (Ver. 3.0)
2
Ordering Information
Part number
Mask
Version
Organization
(words
× bits)
Internal Banks
Clock frequency
MHz (max.)
/CAS latency
Package
EDS2504ACTA-7A
EDS2504ACTA-75
C
64M
× 4
4
133
2, 3
3
54-pin Plastic
TSOP (II)
EDS2508ACTA-7A
EDS2508ACTA-75
32M
× 8
2, 3
3
EDS2516ACTA-7A
EDS2516ACTA-75
16M
× 16
2, 3
3
EDS2504APTA-7A
EDS2504APTA-75
P
64M
× 4
4
133
2, 3
3
EDS2508APTA-7A
EDS2508APTA-75
32M
× 8
2, 3
3
EDS2516APTA-7A
EDS2516APTA-75
16M
× 16
2, 3
3
EDS2504APTA-7AL
EDS2504APTA-75L
P
64M
× 4
2, 3
3
EDS2508APTA-7AL
EDS2508APTA-75L
32M
× 8
2, 3
3
EDS2516APTA-7AL
EDS2516APTA-75L
16M
× 16
2, 3
3
Part Number
ELPIDA Memory
Density & Bank
25: 256M/4 Banks
Bit Organization
04: x4
08: x8
16: x16
Interface
A: LVTTL 3.3V
Mask Revision
Package
TA: TSOP (II)
Speed
7A: PC133/CL = 2, 3
75: PC133/CL = 3
PC100/CL = 2
Function
S: SDRAM
Material Type
D: Mono
E D S 25 04 A P TA - 7A L
Low Power*
Note: Only for mask Rev. P .


Similar Part No. - EDS2504APTA-7AL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2504APTA-7ATI ELPIDA-EDS2504APTA-7ATI Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDS2504APTA-7AL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
EDS2532AABH-1AR2 ELPIDA-EDS2532AABH-1AR2 Datasheet
613Kb / 48P
   256M bits SDRAM
EDS2532JEBH-6B ELPIDA-EDS2532JEBH-6B Datasheet
641Kb / 50P
   256M bits SDRAM
EDS2508ADTA ELPIDA-EDS2508ADTA Datasheet
724Kb / 50P
   256M bits SDRAM
EDS2732CABJ ELPIDA-EDS2732CABJ Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2532EESL-75 ELPIDA-EDS2532EESL-75 Datasheet
753Kb / 50P
   256M bits SDRAM
EDS2516APTA ELPIDA-EDS2516APTA Datasheet
656Kb / 53P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com