Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTN90N25L2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTN90N25L2
Description  N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTN90N25L2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTN90N25L2 Datasheet HTML 1Page - IXYS Corporation IXTN90N25L2 Datasheet HTML 2Page - IXYS Corporation IXTN90N25L2 Datasheet HTML 3Page - IXYS Corporation IXTN90N25L2 Datasheet HTML 4Page - IXYS Corporation IXTN90N25L2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2009 IXYS CORPORATION, All rights reserved
IXTN90N25L2
IXYS REF: T_90N25L2(9R)01-20-09-A
Fig. 14. Forward-Bias Safe Operating Area
@ TC = 75ºC
1
10
100
1,000
1
10
100
1000
VDS - Volts
TJ = 150ºC
TC = 75ºC
Single Pulse
25µs
1ms
100µs
RDS(on) Limit
10ms
DC
100ms
Fig. 13. Forward-Bias Safe Operating Area
@ TC = 25ºC
1
10
100
1,000
1
10
100
1000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
25µs
1ms
100µs
RDS(on) Limit
10ms
DC
100ms


Similar Part No. - IXTN90N25L2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN90N25L2 IXYS-IXTN90N25L2 Datasheet
142Kb / 6P
   N-Channel Power MOSFET
IXTN90N25L2 IXYS-IXTN90N25L2_V01 Datasheet
142Kb / 6P
   N-Channel Power MOSFET
More results

Similar Description - IXTN90N25L2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH2N150L IXYS-IXTH2N150L Datasheet
115Kb / 5P
   N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTA64N10L2 IXYS-IXTA64N10L2 Datasheet
173Kb / 6P
   N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTH110N10L2 IXYS-IXTH110N10L2 Datasheet
141Kb / 5P
   N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTK17N120L IXYS-IXTK17N120L Datasheet
159Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated Guaranteed FBSOA
IXTA80N075L2 IXYS-IXTA80N075L2 Datasheet
174Kb / 6P
   N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTK110N20L2 IXYS-IXTK110N20L2 Datasheet
164Kb / 5P
   N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTN5N250 IXYS-IXTN5N250 Datasheet
131Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated Guaranteed FBSOA
IXTH75N10L2 IXYS-IXTH75N10L2 Datasheet
145Kb / 5P
   N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
IXTK8N150L IXYS-IXTK8N150L Datasheet
153Kb / 5P
   N-Channel Enhancement Mode Guaranteed FBSOA
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com