Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQV414A Datasheet(PDF) 9 Page - COSMO Electronics Corporation

Part # KAQV414A
Description  6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV414A Datasheet(HTML) 9 Page - COSMO Electronics Corporation

Back Button KAQV414A Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 9Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 10Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 11Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M11002.1
- 9 -
http://www.cosmo-ic.com
cosmo
KAQV414 Series
6PIN 400V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Numbering System
KAQV414 X (Y)
Note:
KAQV414 = Part No.
X = Lead form option ( blank、S、A、H or HA )
Y = Tape and reel option ( TL、TR )
Option
Description
Packing quantity
A (TL)
surface mount type package + TL tape & reel option
1000 units per reel
A (TR)
surface mount type package + TR tape & reel option
1000 units per reel
HA (TL)
surface mount type package + TL tape & reel option
1000 units per reel
HA (TR)
surface mount type package + TR tape & reel option
1000 units per reel
S (TL)
small outline for surface mount type package +
TL tape & reel option
2000 units per reel
S (TR)
small outline for surface mount type package +
TR tape & reel option
2000 units per reel
 Recommended Pad Layout for Surface Mount Lead Form
8.3
1.9
6
1.2
6-pin SMD
1. Surface mount type.
2. Small outline for
surface mount type.
6-pin SOP
Unit:mm


Similar Part No. - KAQV414A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KAQV414A DBLECTRO-KAQV414A Datasheet
145Kb / 2P
   High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQV414A COSMO-KAQV414A Datasheet
169Kb / 7P
   PRODUCT SPECIFICATION
KAQV414ATL COSMO-KAQV414ATL Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414ATR COSMO-KAQV414ATR Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Similar Description - KAQV414A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412 Datasheet
511Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW414 COSMO-KAQW414_15 Datasheet
247Kb / 12P
   8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY414 COSMO-KAQY414_15 Datasheet
254Kb / 12P
   4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254_15 Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com