Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQV414H Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KAQV414H
Description  6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV414H Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KAQV414H Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV414H Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV414H Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV414H Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV414H Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV414H Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV414H Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV414H Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV414H Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M11002.1
- 4 -
http://www.cosmo-ic.com
cosmo
KAQV414 Series
6PIN 400V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
1
6
3
2
5
4
1b
AC
DC
A
(AC,DC)
IN
V
3
F
I
2
1
4
5
6
Load
I L
L
V
Load
4
6
L
I
L
V
(AC,DC)
DC
B
(DC)
(DC)
3
IN
V
2
3
I F
1
IN
V
F
I
2
1
4
5
4
6
5
6
Load
L
I
L
V
+
-
Load
I L
L
V
-
+
Load
Load
5
4
L
I
5
6
I L
+
-
V L (DC)
-
+
L
V
(DC)
DC
C
(DC)
3
IN
V
F
I
2
1
4
5
6
L
I
Load
L
V
-
+
Load
4
5
6
I
-
+
L
V
L
(DC)


Similar Part No. - KAQV414H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV414HA COSMO-KAQV414HA Datasheet
170Kb / 7P
   PRODUCT SPECIFICATION
KAQV414H COSMO-KAQV414H_11 Datasheet
167Kb / 7P
   PRODUCT SPECIFICATION
More results

Similar Description - KAQV414H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412 Datasheet
511Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW414 COSMO-KAQW414_15 Datasheet
247Kb / 12P
   8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY414 COSMO-KAQY414_15 Datasheet
254Kb / 12P
   4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254_15 Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com