Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22313 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL22313
Description  Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL22313 Datasheet HTML 1Page - Intersil Corporation ISL22313 Datasheet HTML 2Page - Intersil Corporation ISL22313 Datasheet HTML 3Page - Intersil Corporation ISL22313 Datasheet HTML 4Page - Intersil Corporation ISL22313 Datasheet HTML 5Page - Intersil Corporation ISL22313 Datasheet HTML 6Page - Intersil Corporation ISL22313 Datasheet HTML 7Page - Intersil Corporation ISL22313 Datasheet HTML 8Page - Intersil Corporation ISL22313 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6421.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) and XDCP are registered trademarks of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22313
Single Digitally Controlled Potentiometer (XDCP™)
Low Noise, Low Power, I2C® Bus, 256 Taps
The ISL22313 integrates a single digitally controlled
potentiometer (DCP), control logic and non-volatile memory
on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. The potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR control the position of the
wiper. At power up the device recalls the contents of the
DCP’s IVR to the WR.
The ISL22313 also has 14 general purpose non-volatile
registers that can be used as storage of lookup table for
multiple wiper position or any other valuable information.
The ISL22313 features a dual supply, that is beneficial for
applications requiring a bipolar range for DCP terminals
between V- and VCC.
The DCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• 256 resistor taps
•I2C serial interface
- Two address pins, up to four devices per bus
• Non-volatile EEPROM storage of wiper position
• 14 General Purpose non-volatile registers
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T
≤+55°C
• Wiper resistance: 70
Ω typical @ 1mA
• Standby current <2.5µA max
• Shutdown current <2.5µA max
• Dual power supply
- VCC = 2.25V to 5.5V
- V- = -2.25V to -5.5V
• DCP terminal voltage from V- to VCC
•10k
Ω, 50kΩ or 100kΩ total resistance
• Extended industrial temperature range: -40 to +125°C
• 10 Lead MSOP
• Pb-free plus anneal product (RoHS compliant)
Pinout
ISL22313
(10 LD MSOP)
TOP VIEW
1
2
3
4
5
6
10
9
8
7
SDA
V-
A0
A1
VCC
SCL
GND
RL
RW
RH
O
Ordering Information
PART
NUMBER
(Notes 1, 2)
PART
MARKING
RESISTANCE
OPTION
(k
Ω)
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL22313TFU10Z
313TZ
100
-40 to +125
10 Ld MSOP
M10.118
ISL22313UFU10Z
313UZ
50
-40 to +125
10 Ld MSOP
M10.118
ISL22313WFU10Z
313WZ
10
-40 to +125
10 Ld MSOP
M10.118
NOTES:
1. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. Add “-TK” suffix for 1,000 Tape and Reel option
Data Sheet
July 17, 2007


Similar Part No. - ISL22313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22313 INTERSIL-ISL22313 Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313 INTERSIL-ISL22313 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
ISL22313 INTERSIL-ISL22313 Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
ISL22313 RENESAS-ISL22313 Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
logo
Intersil Corporation
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
More results

Similar Description - ISL22313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com