Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9112 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9112
Description  1.2A High Efficiency Buck-Boost Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9112 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9112 Datasheet HTML 6Page - Intersil Corporation ISL9112 Datasheet HTML 7Page - Intersil Corporation ISL9112 Datasheet HTML 8Page - Intersil Corporation ISL9112 Datasheet HTML 9Page - Intersil Corporation ISL9112 Datasheet HTML 10Page - Intersil Corporation ISL9112 Datasheet HTML 11Page - Intersil Corporation ISL9112 Datasheet HTML 12Page - Intersil Corporation ISL9112 Datasheet HTML 13Page - Intersil Corporation ISL9112 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL9110, ISL9112
10
FN7649.2
July 13, 2012
FIGURE 15. SWITCHING WAVEFORMS, BOOST MODE
FIGURE 16. SWITCHING WAVEFORMS, BUCK MODE
FIGURE 17. NFET RDS(ON) vs INPUT VOLTAGE
FIGURE 18. PFET RDS(ON) vs INPUT VOLTAGE
FIGURE 19. VREF vs TEMPERATURE, TA = -40°C TO +85°C
FIGURE 20. OUTPUT VOLTAGE vs VIN VOLTAGE (VOUT = 3.3V)
Typical Performance Curves (Continued)
LX1
2V/DIV
2V/DIV
LX2
10mV/DIV
VOUT
0.5A/DIV
CURRENT
INDUCTOR
400ns/DIV
VIN = 2.5V
VOUT = 3.3V
IOUT = 500mA
LX1
5V/DIV
5V/DIV
LX2
10mV/DIV
VOUT
0.5A/DIV
CURRENT
INDUCTOR
400ns/DIV
VIN = 4.5V
VOUT = 3.3V
IOUT = 1A
0.00
0.05
0.10
0.15
0.20
0.25
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-40°C
0°C
+40°C
+85°C
VIN (V)
0.00
0.05
0.10
0.15
0.20
0.25
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-40°C
0°C
+40°C
+85°C
VIN (V)
0.790
0.795
0.800
0.805
0.810
-40
-20
0
2040
6080
100
TEMPERATURE (°C)
3.270
3.275
3.280
3.285
3.290
1.5
2.5
3.5
4.5
5.5
IOUT = 0.1A
(PFM)
NO LOAD
(PFM)
IOUT = 1.2A
(PWM)
IOUT = 0.8A (PWM)
IOUT = 0.4A (PWM)
VIN (V)


Similar Part No. - ISL9112

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9112 INTERSIL-ISL9112 Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
ISL9112 INTERSIL-ISL9112 Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
logo
Renesas Technology Corp
ISL9112 RENESAS-ISL9112 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
logo
Intersil Corporation
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91127 RENESAS-ISL91127 Datasheet
1Mb / 13P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
More results

Similar Description - ISL9112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
logo
Intersil Corporation
ISL9110IRT7Z-T7A INTERSIL-ISL9110IRT7Z-T7A Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
ISL9110 INTERSIL-ISL9110 Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Cyntec Co., Ltd.
VPN12AD02-FU CYNTEC-VPN12AD02-FU Datasheet
3Mb / 22P
   Buck-Boost, High Efficiency POL Module
logo
Renesas Technology Corp
ISL8011 RENESAS-ISL8011 Datasheet
620Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8011 INTERSIL-ISL8011 Datasheet
303Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com