Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB54A5129F1U-B75B Datasheet(PDF) 2 Page - Elpida Memory

Part # HB54A5129F1U-B75B
Description  512MB Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54A5129F1U-B75B Datasheet(HTML) 2 Page - Elpida Memory

  HB54A5129F1U-B75B Datasheet HTML 1Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 2Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 3Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 4Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 5Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 6Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 7Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 8Page - Elpida Memory HB54A5129F1U-B75B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HB54A5129F1U-A75B/B75B/10B
Data Sheet E0191H30 (Ver. 3.0)
2
Ordering Information
Part number
Clock frequency
MHz (max.)
/CE latency
Package
Contact pad
HB54A5129F1U-A75B*
1
HB54A5129F1U-B75B*
2
HB54A5129F1U-10B*
133
133
100
3.0
3.5
3.0
184-pin dual lead out socket
type
Gold
Notes: 1. 143MHz operation at /CAS latency = 3.5.
2. 100MHz operation at /CAS latency = 3.0.
3. 125MHz operation at /CAS latency = 3.5.
Pin Configurations
1 pin
Front side
Back side
52 pin 53 pin
92 pin
93 pin
144 pin 145 pin 184 pin
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VREF
47
DQS8
93
VSS
139
VSS
2
DQ0
48
A0
94
DQ4
140
DM8/DQS17
3
VSS
49
CB2
95
DQ5
141
A10
4
DQ1
50
VSS
96
VCCQ
142
CB6
5
DQS0
51
CB3
97
DM0/DQS9
143
VCCQ
6
DQ2
52
BA1
98
DQ6
144
CB7
7
VCC
53
DQ32
99
DQ7
145
VSS
8
DQ3
54
VCCQ
100
VSS
146
DQ36
9
NC
55
DQ33
101
NC
147
DQ37
10
/RESET
56
DQS4
102
NC
148
VCC
11
VSS
57
DQ34
103
NC
149
DM4/DQS13
12
DQ8
58
VSS
104
VCCQ
150
DQ38
13
DQ9
59
BA0
105
DQ12
151
DQ39
14
DQS1
60
DQ35
106
DQ13
152
VSS
15
VCCQ
61
DQ40
107
DM1/DQS10
153
DQ44
16
NC
62
VCCQ
108
VCC
154
/RAS
17
NC
63
/WE
109
DQ14
155
DQ45
18
VSS
64
DQ41
110
DQ15
156
VCCQ
19
DQ10
65
/CAS
111
NC
157
/S0
20
DQ11
66
VSS
112
VCCQ
158
NC
21
CKE0
67
DQS5
113
NC
159
DM5/DQS14
22
VCCQ
68
DQ42
114
DQ20
160
VSS
23
DQ16
69
DQ43
115
A12
161
DQ46
24
DQ17
70
VCC
116
VSS
162
DQ47
25
DQS2
71
NC
117
DQ21
163
NC
26
VSS
72
DQ48
118
A11
164
VCCQ
27
A9
73
DQ49
119
DM2/DQS11
165
DQ52
28
DQ18
74
VSS
120
VCC
166
DQ53


Similar Part No. - HB54A5129F1U-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
More results

Similar Description - HB54A5129F1U-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RD8ABFA ELPIDA-EBD51RD8ABFA Datasheet
196Kb / 19P
   512MB Registered DDR SDRAM DIMM
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com