Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS5116ABTA-6B Datasheet(PDF) 1 Page - Elpida Memory

Part # EDS5116ABTA-6B
Description  512M bits SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS5116ABTA-6B Datasheet(HTML) 1 Page - Elpida Memory

  EDS5116ABTA-6B Datasheet HTML 1Page - Elpida Memory EDS5116ABTA-6B Datasheet HTML 2Page - Elpida Memory EDS5116ABTA-6B Datasheet HTML 3Page - Elpida Memory EDS5116ABTA-6B Datasheet HTML 4Page - Elpida Memory EDS5116ABTA-6B Datasheet HTML 5Page - Elpida Memory EDS5116ABTA-6B Datasheet HTML 6Page - Elpida Memory EDS5116ABTA-6B Datasheet HTML 7Page - Elpida Memory EDS5116ABTA-6B Datasheet HTML 8Page - Elpida Memory EDS5116ABTA-6B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Document No. E0250E10 (Ver. 1.0)
Date Published March 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2002
PRELIMINARY DATA SHEET
512M bits SDRAM
EDS5104ABTA (128M words
×××× 4 bits)
EDS5108ABTA (64M words
×××× 8 bits)
EDS5116ABTA (32M words
×××× 16 bits)
Description
The EDS5104AB is a 512M bits SDRAM organized as
33,554,432 words
× 4 bits × 4 banks. The EDS5108AB
is a 512M bits SDRAM organized as 16,777,216 words
× 8 bits × 4 banks. The EDS5116AB is a 512M bits
SDRAM organized as 8,388,608 words
× 16 bits × 4
banks. All inputs and outputs are referred to the rising
edge of the clock input. It is packaged in standard 54-
pin plastic TSOP (II).
Features
• 3.3V power supply
• Clock frequency: 166MHz/133MHz (max.)
• LVTTL interface
• Single pulsed /RAS
• 4 banks can operate simultaneously and
independently
• Burst read/write operation and burst read/single write
operation capability
• Programmable burst length (BL): 1, 2, 4, 8, full page
• 2 variations of burst sequence
 Sequential (BL = 1, 2, 4, 8, full page)
 Interleave (BL = 1, 2, 4, 8)
• Programmable /CAS latency (CL): 2, 3
• Byte control by DQM
: DQM (EDS5104AB, EDS5108AB)
: UDQM, LDQM (EDS5116AB)
• Refresh cycles: 8192 refresh cycles/64ms
• 2 variations of refresh
 Auto refresh
 Self refresh
Pin Configurations
/xxx indicates active low signal.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
VSS
NC
UDQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
LDQM
/WE
/CAS
/RAS
/CS
BA0
BA1
A10
A0
A1
A2
A3
VDD
54-pin TSOP
(Top view)
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
VDD
NC
/WE
/CAS
/RAS
/CS
BA0
BA1
A10
A0
A1
A2
A3
VDD
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
VSS
NC
DQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
VDD
NC
VDDQ
NC
DQ0
VSSQ
NC
NC
VDDQ
NC
DQ1
VSSQ
NC
VDD
NC
/WE
/CAS
/RAS
/CS
BA0
BA1
A10
A0
A1
A2
A3
VDD
VSS
NC
VSSQ
NC
DQ3
VDDQ
NC
NC
VSSQ
NC
DQ2
VDDQ
NC
VSS
NC
DQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
X 8
X 16
X 4
Address input
Bank select address
Data-input/output
Chip select
Row address strobe
Column address strobe
Write enable
A0 to A12,
BA0, BA1
DQ0 to DQ15
/CS
/RAS
/CAS
/WE
Input/output mask
Clock enable
Clock input
Power for internal circuit
Ground for internal circuit
Power for DQ circuit
Ground for DQ circuit
No connection
DQM
CKE
CLK
VDD
VSS
VDDQ
VSSQ
NC


Similar Part No. - EDS5116ABTA-6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS51321DBH-6DTS-F ELPIDA-EDS51321DBH-6DTS-F Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDS51321DBH-7BTS-F ELPIDA-EDS51321DBH-7BTS-F Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDS51321DBH-TS ELPIDA-EDS51321DBH-TS Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
More results

Similar Description - EDS5116ABTA-6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDJ5304BASE ELPIDA-EDJ5304BASE Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDE5108AESK ELPIDA-EDE5108AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com