Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-361E-O Datasheet(PDF) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-361E-O
Description  0.36 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-361E-O Datasheet(HTML) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-361E-O Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-361E-O Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0.36
INCH
SINGLE
DIGIT
DISPLAY
A-361E-O G/W
REV:A / 0
2) Similarly, when a jig is used to solder the Display to PC board, take care as much as possible to
avoid steering the PIN (See Fig.2).
3) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to
preserve the soldering conditions with irons stated above: select a best-suited method that
assures the least stress to the Display.
4) PIN cutting after soldering should be performed only after the Display temperature has returned
to normal temperature.
—LED MOUNTING METHOD
1) When mounting the Display by using a case, as shown Fig.3, ensure that the mounting holds on
the PC board match the pitch of the PIN correctly-tolerance of dimensions of the respective
components including the Display should be taken into account especially when designing the
case, PC board, etc. to prevent pitch misalignment between the PIN and board holes, the
diameter of the board holes should be slightly larger than the size of the PIN. Alternatively, the
shape of the holes should be made oval. (See Fig.3)
DRAWING NO. : DS-11-10-0066G-1
DATE : 2010-11-03
Page : 6
Fig.3
Fig.2
Release
by
PARALIGHTDCC


Similar Part No. - A-361E-O

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-361E ETC-A-361E Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-361E-O

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-3618M9 CHINASEMI-CSS-3618M9 Datasheet
191Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618V9 CHINASEMI-CSS-3618V9 Datasheet
184Kb / 6P
   0.36 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-361SR PARALIGHT-C-361SR Datasheet
193Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-3618A9 CHINASEMI-CSS-3618A9 Datasheet
188Kb / 7P
   0.36 Inch Single Digit Display
CSS-3618B7 CHINASEMI-CSS-3618B7 Datasheet
185Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618S CHINASEMI-CSS-3618S Datasheet
188Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618G CHINASEMI-CSS-3618G Datasheet
191Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618T9 CHINASEMI-CSS-3618T9 Datasheet
189Kb / 6P
   0.36 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-361E PARALIGHT-C-361E Datasheet
198Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
C-361G PARALIGHT-C-361G Datasheet
188Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com