Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB52RD648DC-B Datasheet(PDF) 9 Page - Elpida Memory

Part # HB52RD648DC-B
Description  512 MB Unbuffered SDRAM S.O.DIMM 64-Mword64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 횞 8 components) PC133/100 SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52RD648DC-B Datasheet(HTML) 9 Page - Elpida Memory

Back Button HB52RD648DC-B Datasheet HTML 5Page - Elpida Memory HB52RD648DC-B Datasheet HTML 6Page - Elpida Memory HB52RD648DC-B Datasheet HTML 7Page - Elpida Memory HB52RD648DC-B Datasheet HTML 8Page - Elpida Memory HB52RD648DC-B Datasheet HTML 9Page - Elpida Memory HB52RD648DC-B Datasheet HTML 10Page - Elpida Memory HB52RD648DC-B Datasheet HTML 11Page - Elpida Memory HB52RD648DC-B Datasheet HTML 12Page - Elpida Memory HB52RD648DC-B Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
HB52RF648DC-B, HB52RD648DC-B
Data Sheet E0083H40
9
Byte No. Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value Comments
86
Manufacturer’s part number
(-75)
0011010135
5
(-A6/B6)
0011011036
6
87
Manufacturer’s part number
0100001042
B
88
Manufacturer’s part number
(-xxB)
0010000020
(Space)
(-xxBL)
010011004C
L
89
Manufacturer’s part number
0010000020
(Space)
90
Manufacturer’s part number
0010000020
(Space)
91
Revision code
0011000030
Initial
92
Revision code
0010000020
(Space)
93
Manufacturing date
××××××××××
Year code
(BCD)
94
Manufacturing date
××××××××××
Week code
(BCD)
95 to 98 Assembly serial number
*
3
99 to 125 Manufacturer specific data
—————————
*
4
126
Intel specification frequency
0110010064
100 MHz
127
Intel specification
CE# latency
support
(-75/A6)
11001111CF
CL = 2, 3
(-B6)
11001101CD
CL = 3
Notes: 1. All serial PD data are not protected. 0: Serial data, “driven Low”, 1: Serial data, “driven High”.
These SPD are based on Rev. 1.2B Specification.
2. Byte72 is manufacturing location code. (ex: In case of Japan, byte72 is 4AH. 4AH shows “J” on
ASCII code.)
3. Bytes 95 through 98 are assembly serial number.
4. All bits of 99 through 125 are not defined (“1” or “0”).


Similar Part No. - HB52RD648DC-B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RD649DC-A6B ELPIDA-HB52RD649DC-A6B Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
HB52RD649DC-A6BL ELPIDA-HB52RD649DC-A6BL Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
HB52RD649DC-B ELPIDA-HB52RD649DC-B Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
More results

Similar Description - HB52RD648DC-B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
HB52D328DC-B ELPIDA-HB52D328DC-B Datasheet
180Kb / 24P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
HB52RD168GB-F ELPIDA-HB52RD168GB-F Datasheet
115Kb / 22P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52F649E1 ELPIDA-HB52F649E1 Datasheet
143Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com