Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1001-RC Datasheet(PDF) 7 Page - Honeywell Accelerometers

Part # HMC1001-RC
Description  1- and 2-Axis Magnetic Sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HMC1001-RC Datasheet(HTML) 7 Page - Honeywell Accelerometers

Back Button HMC1001-RC Datasheet HTML 3Page - Honeywell Accelerometers HMC1001-RC Datasheet HTML 4Page - Honeywell Accelerometers HMC1001-RC Datasheet HTML 5Page - Honeywell Accelerometers HMC1001-RC Datasheet HTML 6Page - Honeywell Accelerometers HMC1001-RC Datasheet HTML 7Page - Honeywell Accelerometers HMC1001-RC Datasheet HTML 8Page - Honeywell Accelerometers HMC1001-RC Datasheet HTML 9Page - Honeywell Accelerometers HMC1001-RC Datasheet HTML 10Page - Honeywell Accelerometers HMC1001-RC Datasheet HTML 11Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HMC1001/1002/1021/1022
www.honeywell.com
7
For simpler circuits with less critical requirements for noise and accuracy, a single polarity pulse circuit may be employed
periodically (all sets or all resets). With these uni-polar pulses, several uni-polar pulses become close in performance to a
single bipolar set/reset pulse circuit.
NOISE CHARACTERISTICS
The noise density curve for a typical AMR sensor is shown in the figure below. The 1/f slope has a nominal corner
frequency near 10Hz and flattens out to a 3.8 nV/sqrtHz slope. This is approximately equivalent to the Johnson noise (or
white noise) for an 850 ohm resistor, the typical bridge resistance. To relate the noise density voltage to the magnetic
fields, use the following expressions:
For Vbridge = 5V and Sensitivity = 3.2mV/V/gauss, the bridge output (Voutput) is 16mV/gauss
The noise density at 1Hz is about 30nV/sqrtHz or 1.8 micro-gauss/sqrtHz
1/f noise (0.1 to 10Hz) = 30 * sqrt[(ln10/0.1)] nV = 64nV (rms) = 4 micro-gauss (rms) = 27 micro-gauss (pk-pk)
White noise (BW = 1kHz) = 3.8 * sqrt[BW] nV = 120nV (rms) = 50 micro-gauss (pk-pk)


Similar Part No. - HMC1001-RC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC1001 HONEYWELL-HMC1001 Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1001 HONEYWELL-ACC-HMC1001 Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
JL World Company Limite...
HMC1001A-65 JLWORLD-HMC1001A-65 Datasheet
48Kb / 1P
   Microphones
HMC1001A-65 JLWORLD-HMC1001A-65 Datasheet
48Kb / 1P
   Different sensitivity level is available upon request
HMC1001A-65 JLWORLD-HMC1001A-65 Datasheet
800Kb / 1P
   Different sensitivity level is available upon request
More results

Similar Description - HMC1001-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1051 ETC-HMC1051 Datasheet
330Kb / 8P
   1 AND 2-AXIS MAGNETIC SENSORS
logo
Honeywell Solid State E...
HMC1001 HONEYWELL-HMC1001 Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1021Z-RC HONEYWELL-ACC-HMC1021Z-RC Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
HMC1052L-TR HONEYWELL-ACC-HMC1052L-TR Datasheet
662Kb / 11P
   1, 2 and 3 Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC105X HONEYWELL-HMC105X Datasheet
895Kb / 12P
   1, 2 AND 3-AXIS MAGNETIC SENSORS
HMC1051 HONEYWELL-HMC1051_06 Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
logo
List of Unclassifed Man...
HMC1052 ETC-HMC1052 Datasheet
698Kb / 4P
   Two-Axis Magnetic Sensors
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
   1-Axis Magnetic Sensor
logo
Honeywell Solid State E...
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
logo
List of Unclassifed Man...
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
   2-AXIS MAGNETIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com