Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS2508APSA-7AL Datasheet(PDF) 5 Page - Elpida Memory

Part # EDS2508APSA-7AL
Description  256M bits SDRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2508APSA-7AL Datasheet(HTML) 5 Page - Elpida Memory

  EDS2508APSA-7AL Datasheet HTML 1Page - Elpida Memory EDS2508APSA-7AL Datasheet HTML 2Page - Elpida Memory EDS2508APSA-7AL Datasheet HTML 3Page - Elpida Memory EDS2508APSA-7AL Datasheet HTML 4Page - Elpida Memory EDS2508APSA-7AL Datasheet HTML 5Page - Elpida Memory EDS2508APSA-7AL Datasheet HTML 6Page - Elpida Memory EDS2508APSA-7AL Datasheet HTML 7Page - Elpida Memory EDS2508APSA-7AL Datasheet HTML 8Page - Elpida Memory EDS2508APSA-7AL Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
EDS2508APSA, EDS2516APSA
Data Sheet E0228E30 (Ver. 3.0)
5
DC Characteristics 1 (TA = 0 to +70
°°°°C, VDD, VDDQ = 3.3V ± 0.3V, VSS, VSSQ = 0V)
Parameter
max
.
/CAS latency
Symbol
Grade
× 8
× 16
Unit
Test condition
Notes
Operating current
ICC1
-7A
130
135
mA
Burst length = 1
tRC = tRC (min.)
1, 2, 3
ICC1
-75
110
115
mA
Burst length = 1
tRC = tRC (min.)
Standby current in power
down
ICC2P
3
3
mA
CKE = VIL,
tCK = tCK (min.)
6
Standby current in power
down (input signal stable)
ICC2PS
2
2
mA
CKE = VIL, tCK =
Standby current in non power
down
ICC2N
20
20
mA
CKE, /CS = VIH,
tCK = tCK (min.)
4
Standby current in non power
down (input signal stable)
ICC2NS
9
9
mA
CKE = VIH, tCK =
∞, /CS
= VIH
8
Active standby current in
power down
ICC3P
4
4
mA
CKE = VIL,
tCK = tCK (min.)
1, 2, 6
Active standby current in
power down (input signal
stable)
ICC3PS
3
3
mA
CKE = VIL, tCK =
2, 7
Active standby current in non
power down
ICC3N
30
30
mA
CKE, /CS = VIH,
tCK = tCK (min.)
1, 2, 4
Active standby current in non
power down (input signal
stable)
ICC3NS
15
15
mA
CKE = VIH, tCK =
∞, /CS
= VIH
2, 8
Burst operating current
ICC4
135
145
mA
tCK = tCK (min.), BL = 4
1, 2, 5
Refresh current
ICC5
-7A
250
250
mA
tRC = tRC (min.)
3
ICC5
-75
220
220
mA
tRC = tRC (min.)
Self refresh current
ICC6
3
3
mA
VIH ≥ VDD – 0.2V
VIL ≤ 0.2V
Self refresh current
(L-version)
ICC6
-XXL
1
1
mA
Notes: 1. ICC depends on output load condition when the device is selected. ICC (max.) is specified at the output
open condition.
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, CLK operating current.
7. After power down mode, no CLK operating current.
8. Input signals are VIH or VIL fixed.
DC Characteristics 2 (TA = 0 to +70
°°°°C, VDD, VDDQ = 3.3V ± 0.3V, VSS, VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–1
1
µA
0 ≤ VIN ≤ VDD
Output leakage current
ILO
–1.5
1.5
µA
0 ≤ VOUT ≤ VDD, DQ = disable
Output high voltage
VOH
2.4
V
IOH = –4 mA
Output low voltage
VOL
0.4
V
IOL = 4 mA


Similar Part No. - EDS2508APSA-7AL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2508APTA ELPIDA-EDS2508APTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2508APTA-75 ELPIDA-EDS2508APTA-75 Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2508APTA-75L ELPIDA-EDS2508APTA-75L Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2508APTA-75TI ELPIDA-EDS2508APTA-75TI Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2508APTA-7A ELPIDA-EDS2508APTA-7A Datasheet
559Kb / 51P
   256M bits SDRAM
More results

Similar Description - EDS2508APSA-7AL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
EDS2532AABH-1AR2 ELPIDA-EDS2532AABH-1AR2 Datasheet
613Kb / 48P
   256M bits SDRAM
EDS2532JEBH-6B ELPIDA-EDS2532JEBH-6B Datasheet
641Kb / 50P
   256M bits SDRAM
EDS2508ADTA ELPIDA-EDS2508ADTA Datasheet
724Kb / 50P
   256M bits SDRAM
EDS2732CABJ ELPIDA-EDS2732CABJ Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2532EESL-75 ELPIDA-EDS2532EESL-75 Datasheet
753Kb / 50P
   256M bits SDRAM
EDS2516APTA ELPIDA-EDS2516APTA Datasheet
656Kb / 53P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com