Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB10QSA045 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # NB10QSA045
Description  Schottky Barrier Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

NB10QSA045 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  NB10QSA045 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10A Avg.
Volts
SBD
45
NB10QSA045
■OUTLINE DRAWING(mm)
■定格・特性曲線
■APPROX. NET WEIGHT:0.06 g
■最大定格 Maximum Ratings
■電気的・熱的特性 Electrical/ Thermal Characteristics
FIG.1
FIG.4
FIG.8
FIG.2
FIG.3
FIG.7
FIG.5
FIG.6
Item
Conditions
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=45V,
一素子あたり 
Per Diode
熱抵抗
Thermal Resistance
接合部・周囲間
Junction to Ambient
*2
ガラエポ基板実装
Min.
Typ.
Max.
350
60
Symbol
I RM
R th(j-a)
ピーク順電圧
Peak Forward Voltage
V FM
Tj=25℃, IFM=5A,
一素子あたり 
Per Diode
0.57
Unit
μA
V
℃/W
R th(j-l)
接合部・リード間
Junction to Lead
7
℃/W
*1 カソードコモン動作による/Common Cathode Operation
*2 ガラエポ基板実装/Glass-Epoxy Substrate mounted (Soldering Lands= 2.0 × 1.5 mm, 2.0 × 3.5 mm , Both Sides)
Item
Symbol
Conditions
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
45
平均整流電流
Average Rectified Forward Current
I O
Tl=81℃
Tl:lead Temperature
VRM=20V
10
実効順電流
R.M.S. Forward Current
I F(RMS)
11.1
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
サージ順電流
Surge Forward Current
I FSM
100
50Hz正弦半波,1サイクル,非くり返し
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
V
A
A
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
*1
Ta=27℃*2
VRM=20V
3.5
A
A


Similar Part No. - NB10QSA045

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
NB10QSA045 KSS-NB10QSA045 Datasheet
998Kb / 7P
   Schottky Barrier Diode
logo
National Instruments Co...
NB10QSA045 NI-NB10QSA045 Datasheet
271Kb / 1P
   SBD
NB10QSA045 NI-NB10QSA045_15 Datasheet
271Kb / 1P
   SBD
More results

Similar Description - NB10QSA045

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com