Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232AATA-60L Datasheet(PDF) 5 Page - Elpida Memory

Part # EDS1232AATA-60L
Description  128M bits SDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232AATA-60L Datasheet(HTML) 5 Page - Elpida Memory

  EDS1232AATA-60L Datasheet HTML 1Page - Elpida Memory EDS1232AATA-60L Datasheet HTML 2Page - Elpida Memory EDS1232AATA-60L Datasheet HTML 3Page - Elpida Memory EDS1232AATA-60L Datasheet HTML 4Page - Elpida Memory EDS1232AATA-60L Datasheet HTML 5Page - Elpida Memory EDS1232AATA-60L Datasheet HTML 6Page - Elpida Memory EDS1232AATA-60L Datasheet HTML 7Page - Elpida Memory EDS1232AATA-60L Datasheet HTML 8Page - Elpida Memory EDS1232AATA-60L Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
EDS1232AABB, EDS1232AATA
Preliminary Data Sheet E0205E50 (Ver. 5.0)
5
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up (refer to the Power up sequence).
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Voltage on any pin relative to VSS
VT
–0.5 to +4.6
V
Supply voltage relative to VSS
VDD, VDDQ
–0.5 to +4.6
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
1.0
W
Operating ambient temperature
TA
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions (TA = 0 to +70
°°°°C)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
VSS
0
0
0
V
Input high voltage
VIH
2.0
VDD + 0.3*
1
V
Input low voltage
VIL
–0.3*
2
0.8
V
Notes: 1. VIH (max.) = VDDQ + 1.5V (pulse width
≤ 5ns).
2. VIL (min.) = –1.5V (pulse width
≤ 5ns).


Similar Part No. - EDS1232AATA-60L

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AATA-60L ELPIDA-EDS1232AATA-60L Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-60L ELPIDA-EDS1232AATA-60L Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AATA-60L-E ELPIDA-EDS1232AATA-60L-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-60L-E ELPIDA-EDS1232AATA-60L-E Datasheet
644Kb / 53P
   128M bits SDRAM
More results

Similar Description - EDS1232AATA-60L

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
   128M bits SDRAM
EDS1232ECBH-75 ELPIDA-EDS1232ECBH-75 Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
   128M bits SDRAM
EDS1232AHTA ELPIDA-EDS1232AHTA Datasheet
628Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JHTA ELPIDA-EDS1232JHTA Datasheet
743Kb / 50P
   128M bits SDRAM
EDS1216AATA ELPIDA-EDS1216AATA Datasheet
702Kb / 49P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com