Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S7N60C3DS Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HGT1S7N60C3DS
Description  14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1S7N60C3DS Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HGT1S7N60C3DS Datasheet HTML 1Page - Fairchild Semiconductor HGT1S7N60C3DS Datasheet HTML 2Page - Fairchild Semiconductor HGT1S7N60C3DS Datasheet HTML 3Page - Fairchild Semiconductor HGT1S7N60C3DS Datasheet HTML 4Page - Fairchild Semiconductor HGT1S7N60C3DS Datasheet HTML 5Page - Fairchild Semiconductor HGT1S7N60C3DS Datasheet HTML 6Page - Fairchild Semiconductor HGT1S7N60C3DS Datasheet HTML 7Page - Fairchild Semiconductor HGT1S7N60C3DS Datasheet HTML 8Page - Fairchild Semiconductor HGT1S7N60C3DS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HGTP7N60C3D, HGT1S7N60C3DS, HGT1S7N60C3D
Rev. B
1
www.fairchildsemi.com
4
Typical Performance Curves
Figure 1.
VGE, GATE TO EMITTER VOLTAGE (V)
46
8
10
12
0
5
10
20
25
30
35
14
15
40
PULSE DURATION = 250
µs
DUTY CYCLE <0.5%, VCE = 10V
TC = 25oC
TC = -40oC
TC = 150oC
TRANSFER CHARACTERISTICS
Figure 2.
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
0
246
8
10
5
10
15
12.0V
8.5V
9.0V
8.0V
7.0V
VGE = 15.0V
20
25
30
35
40 PULSE DURATION = 250µs,
DUTY CYCLE <0.5%,
TC = 25oC
10.0V
7.5V
SATURATION CHARACTERISTICS
Figure 3.
0
15
01
2
3
4
5
20
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
TC = 150oC
TC = 25oC
TC = -40oC
5
10
25
35
40
30
DUTY CYCLE <0.5%, VGE = 10V
PULSE DURATION = 250
µs
COLLECTOR TO EMITTER ON-STATE
VOLTAGE
Figure 4.
0
15
0
123
4
5
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
TC = 25oC
TC = -40oC
TC = 150oC
DUTY CYCLE <0.5%, VGE = 15V
PULSE DURATION = 250
µs
5
10
20
25
30
35
40
COLLECTOR TO EMITTER ON-STATE
VOLTAGE
Figure 5. MAXIMUM DC COLLECTOR CURRENT
vs CASE TEMPERATURE
25
50
75
100
125
150
0
3
6
9
12
15
TC, CASE TEMPERATURE (oC)
VGE = 15V
Figure 6.
60
80
120
10
11
12
VGE, GATE TO EMITTER VOLTAGE (V)
14
15
13
140
100
40
ISC
tSC
10
12
VCE = 360V, RG = 50Ω, TJ = 125oC
4
6
8
2
SHORT CIRCUIT WITHSTAND TIME


Similar Part No. - HGT1S7N60C3DS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S7N60C3DS FAIRCHILD-HGT1S7N60C3DS Datasheet
197Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGT1S7N60C3DS INTERSIL-HGT1S7N60C3DS Datasheet
176Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGT1S7N60C3DS FAIRCHILD-HGT1S7N60C3DS Datasheet
547Kb / 9P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
More results

Similar Description - HGT1S7N60C3DS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
197Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP7N60C3D INTERSIL-HGTP7N60C3D Datasheet
176Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D_05 Datasheet
547Kb / 9P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGT1Y40N60B3D FAIRCHILD-HGT1Y40N60B3D Datasheet
132Kb / 9P
   70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG30N60C3D INTERSIL-HGTG30N60C3D Datasheet
116Kb / 7P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP12N60C3D INTERSIL-HGTP12N60C3D Datasheet
99Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP3N60C3D INTERSIL-HGTP3N60C3D Datasheet
273Kb / 7P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTP12N60C3D FAIRCHILD-HGTP12N60C3D Datasheet
154Kb / 8P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com