Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232AATA-60 Datasheet(PDF) 1 Page - Elpida Memory

Part # EDS1232AATA-60
Description  128M bits SDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232AATA-60 Datasheet(HTML) 1 Page - Elpida Memory

  EDS1232AATA-60 Datasheet HTML 1Page - Elpida Memory EDS1232AATA-60 Datasheet HTML 2Page - Elpida Memory EDS1232AATA-60 Datasheet HTML 3Page - Elpida Memory EDS1232AATA-60 Datasheet HTML 4Page - Elpida Memory EDS1232AATA-60 Datasheet HTML 5Page - Elpida Memory EDS1232AATA-60 Datasheet HTML 6Page - Elpida Memory EDS1232AATA-60 Datasheet HTML 7Page - Elpida Memory EDS1232AATA-60 Datasheet HTML 8Page - Elpida Memory EDS1232AATA-60 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Document No. E0205E50 (Ver. 5.0)
Date Published July 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2001-2002
PRELIMINARY DATA SHEET
128M bits SDRAM
EDS1232AABB, EDS1232AATA (4M words
×××× 32 bits)
Description
The EDS1232AA is a 128M bits SDRAM organized as
1,048,576 words
× 32 bits × 4 banks. All inputs and
outputs are synchronized with the positive edge of the
clock.
They are packaged in 90-ball FBGA, 86-pin plastic
TSOP (II).
Features
• 3.3V power supply
• Clock frequency: 166MHz (max.)
• Single pulsed /RAS
• ×32 organization
• 4 banks can operate simultaneously and
independently
• Burst read/write operation and burst read/single write
operation capability
• Programmable burst length (BL): 1, 2, 4, 8 and full
page
• 2 variations of burst sequence
 Sequential (BL = 1, 2, 4, 8)
 Interleave (BL = 1, 2, 4, 8)
• Programmable /CAS latency (CL): 2, 3
• Byte control by DQM
• Refresh cycles: 4096 refresh cycles/64ms
• 2 variations of refresh
 Auto refresh
 Self refresh
• FBGA package is lead free solder (Sn-Ag-Cu)


Similar Part No. - EDS1232AATA-60

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AATA-60 ELPIDA-EDS1232AATA-60 Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-60 ELPIDA-EDS1232AATA-60 Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AATA-60-E ELPIDA-EDS1232AATA-60-E Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232AATA-60-E ELPIDA-EDS1232AATA-60-E Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AATA-60L ELPIDA-EDS1232AATA-60L Datasheet
573Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
More results

Similar Description - EDS1232AATA-60

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
   128M bits SDRAM
EDS1232ECBH-75 ELPIDA-EDS1232ECBH-75 Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
   128M bits SDRAM
EDS1232AHTA ELPIDA-EDS1232AHTA Datasheet
628Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JHTA ELPIDA-EDS1232JHTA Datasheet
743Kb / 50P
   128M bits SDRAM
EDS1216AATA ELPIDA-EDS1216AATA Datasheet
702Kb / 49P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com