Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS5104ABTA Datasheet(PDF) 6 Page - Elpida Memory

Part # EDS5104ABTA
Description  512M bits SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS5104ABTA Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDS5104ABTA Datasheet HTML 2Page - Elpida Memory EDS5104ABTA Datasheet HTML 3Page - Elpida Memory EDS5104ABTA Datasheet HTML 4Page - Elpida Memory EDS5104ABTA Datasheet HTML 5Page - Elpida Memory EDS5104ABTA Datasheet HTML 6Page - Elpida Memory EDS5104ABTA Datasheet HTML 7Page - Elpida Memory EDS5104ABTA Datasheet HTML 8Page - Elpida Memory EDS5104ABTA Datasheet HTML 9Page - Elpida Memory EDS5104ABTA Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
EDS5104ABTA, EDS5108ABTA, EDS5116ABTA
Preliminary Data Sheet E0250E10 (Ver. 1.0)
6
Pin Capacitance (TA = 25°C, VDD, VDDQ = 3.3V ± 0.3V)
Parameter
Symbol
Pins
min.
Typ
max.
Unit
Notes
Input capacitance
CI1
CLK
2.5
3.5
pF
1, 2, 4
CI2
Address, CKE, /CS, /RAS,
/CAS, /WE, DQM,
2.5
3.8
pF
1, 2, 4
Data input/output capacitance
CI/O
DQ
4
6.5
pF
1, 2, 3, 4
Notes: 1. Capacitance measured with Boonton Meter or effective capacitance measuring method.
2. Measurement condition: f = 1MHz, 1.4V bias, 200mV swing.
3. DQM = VIH to disable DOUT.
4. This parameter is sampled and not 100% tested.
AC Characteristics (TA = 0 to +70
°°°°C, VDD, VDDQ = 3.3V ± 0.3V, VSS, VSSQ = 0V)
-6B
-7A
-75
Parameter
Symbol
min.
max.
min.
max.
min.
max.
Unit
Notes
System clock cycle time
tCK
6.0
7.5
7.5
ns
1
CLK high pulse width
tCH
2.5
2.5
2.5
ns
1
CLK low pulse width
tCL
2.5
2.5
2.5
ns
1
Access time from CLK
tAC
5.0
5.4
5.4
ns
1, 2
Data-out hold time
tOH
2.5
3.0
3.0
ns
1, 2
CLK to Data-out low impedance
tLZ
1
1
1
ns
1, 2, 3
CLK to Data-out high impedance
tHZ
5.4
5.4
5.4
ns
1, 4
Input setup time
tSI
1.5
1.5
1.5
ns
1
Input hold time
tHI
0.8
0.8
0.8
ns
1
Ref/Active to Ref/Active command
period
tRC
60
60
67.5
ns
1
Active to Precharge command
period
tRAS
42
120000
45
120000
45
120000
ns
1
Active command to column
command (same bank)
tRCD
18
15
20
ns
1
Precharge to active command
period
tRP
18
15
20
ns
1
Write recovery or data-in to
precharge lead time
tDPL
12
15
15
ns
1
Last data into active latency
tDAL
2CLK +
18ns
2CLK +
15ns
2CLK +
20ns
Active (a) to Active (b) command
period
tRRD
12
15
15
ns
1
Transition time (rise and fall)
tT
0.5
5
0.5
5
0.5
5
ns
Refresh period
(8192 refresh cycles)
tREF
64
64
64
ms
Notes: 1. AC measurement assumes tT = 0.5ns. Reference level for timing of input signals is 1.4V.
2. Access time is measured at 1.4V. Load condition is CL = 50pF.
3. tLZ (min.) defines the time at which the outputs achieves the low impedance state.
4. tHZ (max.) defines the time at which the outputs achieves the high impedance state.


Similar Part No. - EDS5104ABTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS51321DBH-6DTS-F ELPIDA-EDS51321DBH-6DTS-F Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDS51321DBH-7BTS-F ELPIDA-EDS51321DBH-7BTS-F Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDS51321DBH-TS ELPIDA-EDS51321DBH-TS Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
More results

Similar Description - EDS5104ABTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDJ5304BASE ELPIDA-EDJ5304BASE Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDE5108AESK ELPIDA-EDE5108AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com