Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE5108GBSA-4A-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EDE5108GBSA-4A-E
Description  512M bits DDR-II SDRAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5108GBSA-4A-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDE5108GBSA-4A-E Datasheet HTML 3Page - Elpida Memory EDE5108GBSA-4A-E Datasheet HTML 4Page - Elpida Memory EDE5108GBSA-4A-E Datasheet HTML 5Page - Elpida Memory EDE5108GBSA-4A-E Datasheet HTML 6Page - Elpida Memory EDE5108GBSA-4A-E Datasheet HTML 7Page - Elpida Memory EDE5108GBSA-4A-E Datasheet HTML 8Page - Elpida Memory EDE5108GBSA-4A-E Datasheet HTML 9Page - Elpida Memory EDE5108GBSA-4A-E Datasheet HTML 10Page - Elpida Memory EDE5108GBSA-4A-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
EDE5104GBSA, EDE5108GBSA, EDE5116GBSA
Preliminary Data Sheet E0249E30 (Ver. 3.0)
7
Pin Capacitance (TA = 25°C, VDD, VDDQ = 1.8V ± 0.1V)
Parameter
Symbol
Pins
min.
Typ
max.
Unit
Notes
CLK input pin capacitance
CCK
CK
1.5
2.0
2.5
pF
1
Input pin capacitance
CIN
/RAS, /CAS,
/WE, /CS,
CKE. ODT,
Address
1.5
2.0
2.5
pF
1
Input/output pin capacitance
CI/O
DQ, DQS, /DQS,
UDQS, /UDQS,
LDQS, /LDQS,
/RDQS, /RDQS,
DM, UDM, LDM
3.0
3.5
4.0
pF
2
Notes: 1. Matching within 0.25pF.
2. Matching within 0.50pF.
AC Characteristics (TA = 0 to +70
°°°°C, VDD, VDDQ = 1.8V ± 0.1V, VSS, VSSQ = 0V)
-5A
-4A
Frequency (Mbps)
533
400
Parameter
Symbol
min.
max.
min.
max.
Unit
Notes
DQ output access time from CK, /CK
tAC
–500
+500
–600
+600
ps
DQS output access time from CK, /CK
tDQSCK
–450
+450
–500
+500
ps
CK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min.
(tCL, tCH)
min.
(tCL, tCH)
ps
Clock cycle time
tCK
3750
8000
5000
8000
ps
DQ and DM input hold time
tDH
350
400
ps
DQ and DM input setup time
tDS
350
400
ps
Control and Address input pulse width
for each input
tIPW
0.6
0.6
tCK
DQ and DM input pulse width for each
input
tDIPW
0.35
0.35
tCK
Data-out high-impedance time from
CK,/CK
tHZ
tAC max.
tAC max.
ps
Data-out low-impedance time from
CK,/CK
tLZ
tAC min.
tAC max.
tAC min.
tAC max.
ps
DQS-DQ skew for DQS and associated
DQ signals
tDQSQ
300
350
ps
DQ hold skew factor
tQHS
400
450
ps
DQ/DQS output hold time from DQS
tQH
tHP – tQHS
tHP – tQHS
ps
Write command to first DQS latching
transition
tDQSS
WL – 0.25
WL + 0.25
WL – 0.25
WL + 0.25
tCK
DQS input high pulse width
tDQSH
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
tCK
DQS falling edge to CK setup time
tDSS
0.2
0.2
tCK
DQS falling edge hold time from CK
tDSH
0.2
0.2
tCK
Mode register set command cycle time
tMRD
2
2
tCK
Write preamble setup time
tWPRES
0
0
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
Write preamble
tWPRE
0.25
0.25
tCK


Similar Part No. - EDE5108GBSA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5108GASA ELPIDA-EDE5108GASA Datasheet
491Kb / 45P
   512M bits DDR-II SDRAM
EDE5108GASA-4A-E ELPIDA-EDE5108GASA-4A-E Datasheet
491Kb / 45P
   512M bits DDR-II SDRAM
EDE5108GASA-5A-E ELPIDA-EDE5108GASA-5A-E Datasheet
491Kb / 45P
   512M bits DDR-II SDRAM
More results

Similar Description - EDE5108GBSA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104GASA ELPIDA-EDE5104GASA Datasheet
491Kb / 45P
   512M bits DDR-II SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
567Kb / 49P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com