Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0637 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # HCPL0637
Description  High Speed-10 MBit/s Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0637 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button HCPL0637 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 10Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 11Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 12Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 13Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 14Page - Fairchild Semiconductor HCPL0637 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
11
PHL
t
F
I = 7.5 mA
1.5 V
90%
10%
7.5 mA
+5V
1.5 V
3.0 V
1.5 V
3
2
1
4
8
7
6
5
PLH
t
I = 3.75 mA
F
Output
O
(V )
Input
(I )
F
Output
(V )
O
f
t
r
t
O
Z = 50
Ω
Pulse
Generator
tr = 5ns
(V )
E
Input
Monitor
GND
V
CC
O
(V )
Output
L
R
L
C
(V )
Output
O
Input
(V )
E
EHL
t
ELH
bypass
.1
μf
Fig. 20 Test Circuit and Waveforms for tPLH, tPHL, tr and tf.
Fig. 21 Test Circuit tEHL and tELH.
t
1
2
3
4
1
2
3
4
8
7
6
5
GND
VCC
8
7
6
5
Dual Channel
Pulse Gen.
ZO = 50
Ω
tf = tr = 5 ns
Pulse Gen.
tf = tr = 5 ns
ZO = 50
Ω
+5 V
IF
VCC
RM
RL
.1
μf
Bypass
CL
+5V
47
Ω
RL
Input
Monitoring
Node
Input
Monitor
(IF)
Output
(VO)
Output VO
Monitoring
Node
0.1
μF
Bypass
CL*
GND
Test Circuit for HCPL0600,
HCPL0601 and HCPL0611
Test Circuit for HCPL0637,
HCPL0638 and HCPL0639


Similar Part No. - HCPL0637

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0637 FAIRCHILD-HCPL0637 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL0637

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com