Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0601 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # HCPL0601
Description  High Speed-10 MBit/s Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0601 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button HCPL0601 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 10Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 11Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 12Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 13Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
10
Typical Performance Curves (HCPL0637, HCPL0638 and HCPL0639 only)
Fig. 18 Propagation Delay vs.
Ambient Temperature
Fig. 19 Rise and Fall Times vs.
Ambient Temperature
TA – AMBIENT TEMPERATURE (
°C)
TA – AMBIENT TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
V
CC
= 5V
IF = 7.5mA
tPHL
RL = 350
Ω, 1kΩ, 4kΩ
tPLH
RL = 350
Ω
tPLH
RL = 1k
Ω
tPLH
RL = 4k
Ω
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
7
V
CC
= 5V
IF = 7.5mA
tf – RL = 350Ω, 1kΩ, 4kΩ
tr – RL = 350Ω
tr – RL = 1kΩ
tr – RL = 4kΩ


Similar Part No. - HCPL0601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0601 FAIRCHILD-HCPL0601 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601 FAIRCHILD-HCPL0601 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601 FAIRCHILD-HCPL0601 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0601 FAIRCHILD-HCPL0601 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601 FAIRCHILD-HCPL0601 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL0601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com