Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDL1216AASA Datasheet(PDF) 8 Page - Elpida Memory

Part # EDL1216AASA
Description  128M bits Mobile RAM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDL1216AASA Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDL1216AASA Datasheet HTML 4Page - Elpida Memory EDL1216AASA Datasheet HTML 5Page - Elpida Memory EDL1216AASA Datasheet HTML 6Page - Elpida Memory EDL1216AASA Datasheet HTML 7Page - Elpida Memory EDL1216AASA Datasheet HTML 8Page - Elpida Memory EDL1216AASA Datasheet HTML 9Page - Elpida Memory EDL1216AASA Datasheet HTML 10Page - Elpida Memory EDL1216AASA Datasheet HTML 11Page - Elpida Memory EDL1216AASA Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
EDL1216AASA
Data Sheet E0196E30 (Ver. 3.0)
8
Synchronous Characteristics
Parameter
Symbol
min.
max.
Unit
Note
Clock cycle time
(CL= 2)
tCK2
10
ns
(CL= 3)
tCK3
7.5
ns
Access time from CLK
(CL= 2)
tAC2
6
ns
1
(CL= 3)
tAC3
5.4
ns
1
CLK high level width
tCH
2.5
ns
CLK low level width
tCL
2.5
ns
Data-out hold time
tOH
2.5
ns
1
Data-out low-impedance time
tLZ
0
ns
Data-out high-impedance time
(CL= 2)
tHZ2
2.5
6
ns
(CL= 3)
tHZ3
2.5
5.4
ns
Data-in setup time
tDS
1.5
ns
Data-in hold time
tDH
0.8
ns
Address setup time
tAS
1.5
ns
Address hold time
tAH
0.8
ns
CKE setup time
tCKS
1.5
ns
CKE hold time
tCKH
0.8
ns
CKE setup time (Power down exit)
tCKSP
1.5
ns
Command (/CS, /RAS, /CAS, /WE,
UDQM, LDQM) setup time
tCMS
1.5
ns
Command (/CS, /RAS, /CAS, /WE,
UDQM, LDQM) hold time
tCMH
0.8
ns
Note: 1. Output load.
Output
Z = 50
30 pF
Output load
Asynchronous Characteristics
Parameter
Symbol
min.
max.
Unit
Notes
ACT to REF/ACT command period (operation) tRC
67.5
ns
ACT to REF/ACT command period (refresh)
tRC1
67.5
ns
ACT to PRE command period
tRAS
45
120000
ns
PRE to ACT command period
tRP
20
ns
Delay time ACT to READ/WRITE command
tRCD
20
ns
ACT (one) to ACT (another) command period
tRRD
15
ns
Data-in to PRE command period
tDPL
15
ns
Data-in to ACT (REF) command period
(Auto precharge)
(CL = 2)
TDAL2
2CLK + 20
ns
(CL = 3)
TDAL3
2CLK + 20
ns
Mode register set cycle time
tRSC
2
CLK
Transition time
tT
0.5
30
ns
Refresh time (4,096 refresh cycles)
tREF
64
ms


Similar Part No. - EDL1216AASA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDL1216CASA ELPIDA-EDL1216CASA Datasheet
467Kb / 59P
   128M bits Mobile RAM
EDL1216CASA-10-E ELPIDA-EDL1216CASA-10-E Datasheet
467Kb / 59P
   128M bits Mobile RAM
EDL1216CFBJ ELPIDA-EDL1216CFBJ Datasheet
723Kb / 59P
   128M bits Mobile RAM?
EDL1216CFBJ-75-F ELPIDA-EDL1216CFBJ-75-F Datasheet
723Kb / 59P
   128M bits Mobile RAM?
More results

Similar Description - EDL1216AASA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDL1216CFBJ ELPIDA-EDL1216CFBJ Datasheet
723Kb / 59P
   128M bits Mobile RAM?
EDL1216CASA ELPIDA-EDL1216CASA Datasheet
467Kb / 59P
   128M bits Mobile RAM
EDK1216CFBJ ELPIDA-EDK1216CFBJ Datasheet
737Kb / 56P
   128M bits DDR Mobile RAM?
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDL6416CBBH ELPIDA-EDL6416CBBH Datasheet
730Kb / 59P
   64M bits Mobile RAM?
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com