Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE5108GBSA Datasheet(PDF) 5 Page - Elpida Memory

Part # EDE5108GBSA
Description  512M bits DDR-II SDRAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5108GBSA Datasheet(HTML) 5 Page - Elpida Memory

  EDE5108GBSA Datasheet HTML 1Page - Elpida Memory EDE5108GBSA Datasheet HTML 2Page - Elpida Memory EDE5108GBSA Datasheet HTML 3Page - Elpida Memory EDE5108GBSA Datasheet HTML 4Page - Elpida Memory EDE5108GBSA Datasheet HTML 5Page - Elpida Memory EDE5108GBSA Datasheet HTML 6Page - Elpida Memory EDE5108GBSA Datasheet HTML 7Page - Elpida Memory EDE5108GBSA Datasheet HTML 8Page - Elpida Memory EDE5108GBSA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
EDE5104GBSA, EDE5108GBSA, EDE5116GBSA
Preliminary Data Sheet E0249E30 (Ver. 3.0)
5
Electrical Specifications
• All voltages are referenced to VSS (GND)
• Execute power-up and Initialization sequence before proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Power supply voltage
VDD
–0.5 to +2.3
V
1
Power supply voltage for output
VDDQ
–0.5 to +2.3
V
1
Input voltage
VIN
–0.5 to +2.3
V
1
Output voltage
VOUT
–0.5 to +2.3
V
1
Operating temperature (ambient)
TA
0 to +70
°C
1
Storage temperature
TSTG
–55 to +150
°C
1
Power dissipation
PD
1.0
W
1
Short circuit output current
IOUT
50
mA
1
Note: 1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device.
This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage.
The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification.
Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended DC Operating Conditions (SSTL_18)
• There is no specific device VDD supply voltage requirement for SSTL_18 compliance. However under all
conditions VDDQ must be less than or equal to VDD.
Parameter
Symbol
min.
Typ.
max.
Unit
Notes
Supply voltage
VDD
1.7
1.8
1.9
V
4
Supply voltage for output
VDDQ
1.7
1.8
1.9
V
4
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
1, 2
Termination voltage
VTT
VREF – 0.04
VREF
VREF + 0.04
V
3
DC input logic high
VIH (dc)
VREF + 0.125
VDDQ + 0.3V
V
DC input low
VIL (dc)
–0.3
VREF – 0.125
V
AC input logic high
VIH (ac)
VREF + 0.250
V
AC input low
VIL (ac)
VREF – 0.250
V
Notes: 1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically
the value of VREF is expected to be about 0.5
× VDDQ of the transmitting device and VREF are expected
to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed
±2% VREF (dc).
3. VTT of transmitting device must track VREF of receiving device.
4. VDDQ tracks with VDD, VDDL tracks with VDD. AC parameters are measured with VDD, VDDQ and
VDDL tied together.


Similar Part No. - EDE5108GBSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5108GASA ELPIDA-EDE5108GASA Datasheet
491Kb / 45P
   512M bits DDR-II SDRAM
EDE5108GASA-4A-E ELPIDA-EDE5108GASA-4A-E Datasheet
491Kb / 45P
   512M bits DDR-II SDRAM
EDE5108GASA-5A-E ELPIDA-EDE5108GASA-5A-E Datasheet
491Kb / 45P
   512M bits DDR-II SDRAM
More results

Similar Description - EDE5108GBSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104GASA ELPIDA-EDE5104GASA Datasheet
491Kb / 45P
   512M bits DDR-II SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
567Kb / 49P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com