Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST4416 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SST4416
Description  N-Channel JFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST4416 Datasheet(HTML) 6 Page - Vishay Siliconix

  SST4416 Datasheet HTML 1Page - Vishay Siliconix SST4416 Datasheet HTML 2Page - Vishay Siliconix SST4416 Datasheet HTML 3Page - Vishay Siliconix SST4416 Datasheet HTML 4Page - Vishay Siliconix SST4416 Datasheet HTML 5Page - Vishay Siliconix SST4416 Datasheet HTML 6Page - Vishay Siliconix SST4416 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2N4416/2N4416A/SST4416
Vishay Siliconix
www.vishay.com
7-6
Document Number: 70242
S-04028—Rev. F, 04-Jun-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Reverse Admittance
Output Admittance
10
1
0.1
0.01
100
1000
TA = 25_C
VDS = 15 V
VGS = 0 V
Common Source
–brs
–grs
10
1
0.1
0.01
100
1000
TA = 25_C
VDS = 15 V
VGS = 0 V
Common Source
bos
gos
f – Frequency (MHz)
f – Frequency (MHz)
200
500
200
500
10
100
1 k
100 k
10 k
20
0
16
12
8
4
Equivalent Input Noise Voltage vs. Frequency
Output Conductance vs. Drain Current
VDS = 10 V
ID = 5 mA
VGS = 0 V
0.1
1
10
TA = –55_C
125
_C
VGS(off) = –3 V
ID – Drain Current (mA)
f – Frequency (Hz)
20
0
16
12
8
4
VDS = 10 V
f = 1 kHz
VDG – Drain-Gate Voltage (V)
ID – Drain Current (mA)
Gate Leakage Current
0.1 mA
IGSS @ 25
_C
IGSS
@
125
_C
Common-Source Forward
Transconductance vs. Drain Current
0.1
1
10
10
8
0
VGS(off) = –3 V
TA = –55_C
125
_C
012
8
416
20
6
4
2
VDS = 10 V
f = 1 kHz
5 mA
1 mA
0.1 mA
TA = 25_C
TA = 125_C
IG @ ID = 5 mA
1 mA
0.1 pA
1 pA
10 pA
100 pA
1 nA
10 nA
100 nA
25
_C
25
_C


Similar Part No. - SST4416

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SST4416 LINEAR-SST4416 Datasheet
237Kb / 2P
   N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Vishay Siliconix
SST4416 VISHAY-SST4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
logo
Micross Components
SST4416 MICROSS-SST4416 Datasheet
286Kb / 1P
   Linear Systems replaces discontinued Siliconix SST4416
logo
Vishay Siliconix
SST4416 VISHAY-SST4416 Datasheet
86Kb / 7P
   N-Channel JFETs
18-Jul-08
logo
Micross Components
SST4416A MICROSS-SST4416A Datasheet
286Kb / 1P
   Linear Systems replaces discontinued Siliconix SST4416A
More results

Similar Description - SST4416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com