Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2NPNSST4393 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 2NPNSST4393
Description  N-Channel JFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2NPNSST4393 Datasheet(HTML) 3 Page - Vishay Siliconix

  2NPNSST4393 Datasheet HTML 1Page - Vishay Siliconix 2NPNSST4393 Datasheet HTML 2Page - Vishay Siliconix 2NPNSST4393 Datasheet HTML 3Page - Vishay Siliconix 2NPNSST4393 Datasheet HTML 4Page - Vishay Siliconix 2NPNSST4393 Datasheet HTML 5Page - Vishay Siliconix 2NPNSST4393 Datasheet HTML 6Page - Vishay Siliconix 2NPNSST4393 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N/PN/SST4391 Series
Vishay Siliconix
Document Number: 70241
S-04028—Rev. F, 04-Jan-01
www.vishay.com
7-3
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
4391
4392
4393
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Dynamic
Common-Source
Forward Transconductance
gfs
6
mS
Common-Source
Output Conductance
gos
VDS = 20 V, ID = 1 mA, f = 1 kHz
25
mS
Drain-Source
On-Resistance
rDS(on)
VGS = 0 V, ID = 0 mA , f = 1 kHz
30
60
100
W
2N
12
14
14
14
Common-Source
Input Capacitance
Ciss
VDS = 20 V, VGS = 0 V
f = 1 MHz
PN
12
16
16
16
Input Capacitance
iss
f = 1 MHz
SST
13
2N: VGS = –5 V
3.3
3.5
2N: VGS = –7 V
3.2
3.5
2N: VGS = –12 V
2.8
3.5
PN: VGS = –5 V
3.5
5
pF
Common-Source
Reverse Transfer
Crss
VDS = 0 V
f = 1 MHz
PN: VGS = –7 V
3.4
5
Capacitance
rss
f = 1 MHz
PN: VGS = –12 V
3.0
5
SST: VGS = –5 V
3.6
SST: VGS = –7 V
3.5
SST: VGS = –12 V
3.1
Equivalent Input
Noise Voltage
en
VDS = 10 V, ID = 10 mA
f = 1 kHz
3
nV
√Hz
Switching
2N/PN
2
15
15
15
td(on)
SST
2
Turn-On Time
2N/PN
2
5
5
5
tr
VDD = 10 V
SST
2
VGS(H) = 0 V
See Switching Circuit
2N/PN
6
20
35
50
ns
td(off)
See Switching Circuit
SST
6
Turn-Off Time
2N/PN
13
15
20
30
tf
SST
13
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NCB
b.
Pulse test: PW
v300 ms duty cycle v3%.


Similar Part No. - 2NPNSST4393

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2NP02 KEXIN-2NP02 Datasheet
539Kb / 7P
   Complementary Trench MOSFET
logo
Shenzhen Luguang Electr...
2NP06 LUGUANG-2NP06 Datasheet
1Mb / 6P
   Complementary MOSFET
Revision:20230530-P1
More results

Similar Description - 2NPNSST4393

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com