Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2NPNSST4392 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 2NPNSST4392
Description  N-Channel JFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2NPNSST4392 Datasheet(HTML) 4 Page - Vishay Siliconix

  2NPNSST4392 Datasheet HTML 1Page - Vishay Siliconix 2NPNSST4392 Datasheet HTML 2Page - Vishay Siliconix 2NPNSST4392 Datasheet HTML 3Page - Vishay Siliconix 2NPNSST4392 Datasheet HTML 4Page - Vishay Siliconix 2NPNSST4392 Datasheet HTML 5Page - Vishay Siliconix 2NPNSST4392 Datasheet HTML 6Page - Vishay Siliconix 2NPNSST4392 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N/PN/SST4391 Series
Vishay Siliconix
www.vishay.com
7-4
Document Number: 70241
S-04028—Rev. F, 04-Jan-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
160
120
On-Resistance and Drain Current
vs. Gate-Source Cutoff Voltage
On-Resistance vs. Drain Current
100
0
–10
0
200
160
0
rDS
IDSS
rDS @ ID = 1 mA, VGS = 0 V
IDSS @ VDS = 20 V, VGS = 0 V
100
0
1
10
100
On-Resistance vs. Temperature
200
–55
25
125
0
–15
85
ID = 1 mA
rDS changes X 0.7%/
_C
Turn-On Switching
5
0
–10
4
3
2
1
0
td(on) @
ID = 3 mA
td(on) @
ID = 12 mA
tr approximately independent of ID
VDD = 5 V, RG = 50 W
VGS(L) = –10 V
Turn-Off Switching
30
010
24
18
12
6
0
VGS(off) = –2 V
VGS(off) = –8 V
td(off) independent of device VGS(off)
VDD = 5 V, VGS(L) = –10 V
Capacitance vs. Gate-Source Voltage
30
–20
24
18
12
6
0
f = 1 MHz
VDS = 0 V
0
VGS(off) – Gate-Source Cutoff Voltage (V)
TA – Temperature (_C)
VGS – Gate-Source Voltage (V)
VGS(off) – Gate-Source Cutoff Voltage (V)
ID – Drain Current (mA)
ID – Drain Current (mA)
80
60
40
20
80
40
80
60
40
20
–2
–4
–6
–8
–35
120
80
40
5
45
65
105
–2
–4
–6
–8
24
6
8
–4
–8
–12
–16
VGS(off) = –2 V
–4 V
–8 V
TA = 25_C
tr
VGS(off) = –2 V
–4 V
–8 V
td(off)
Ciss
Crss
tf


Similar Part No. - 2NPNSST4392

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2NP02 KEXIN-2NP02 Datasheet
539Kb / 7P
   Complementary Trench MOSFET
logo
Shenzhen Luguang Electr...
2NP06 LUGUANG-2NP06 Datasheet
1Mb / 6P
   Complementary MOSFET
Revision:20230530-P1
More results

Similar Description - 2NPNSST4392

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com