Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-512UW Datasheet(PDF) 2 Page - Rohm

Part # SML-512UW
Description  Original device technology enables high brightness and high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-512UW Datasheet(HTML) 2 Page - Rohm

  SML-512UW Datasheet HTML 1Page - Rohm SML-512UW Datasheet HTML 2Page - Rohm SML-512UW Datasheet HTML 3Page - Rohm SML-512UW Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100
10
1
FORWARD VOLTAGE:VF (V)
3.0
3.1
2.8
2.9
3.2
Ta=25°C
FORWARD CURRENT:IF (mA)
0
5
10
15
20
25
30
0
0.5
1.0
1.5
Ta=25°C
AMBIENT TEMPERATURE:Ta (°C)
40
30
20
10
-40 -20
0
20
40
60
80 100
10
FORWARD VOLTAGE : VF (V)
100
10
1
2
2.5
1.5
1
3
0.1
Ta=25°C
SML-512VW(A)
SML-512VW
SML-512UW
SML-511UW
SML-512CW(A)
SML-512DW
SML-511DW
SML-512WW
SML-511WW
SML-512MW
SML-511PW(A)
SML-511UW
SML-511DW
SML-511WW
SML-512VW(A)
SML-512VW
SML-512UW
SML-512CW(A)
SML-512DW
SML-512WW
SML-512MW
SML-511PW(A)
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=5mA
FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
2.0
1.0
3.0
4.0
Ta=25°C
SML512BC5T
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40 -20
0
20
40
60
80 100
1.6
IF=20mA
SML-511UW
SML-511DW
SML-511WW
SML-512MW
SML-511PW(A)
SML-512VW(A)
SML-512VW
SML-512UW
SML-512CW(A)
SML-512DW
SML-512WW
SML512BC5T
SML512BC5T
SML512BC5T
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-51 Series
SML-512VW(A)
SML-512VW
SML-512UW
SML-512CW(A)
SML-512DW
SML-512WW
SML-511UW
SML-511DW
SML-511WW
SML-512MW
SML-511PW(A)
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-512UW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-512UW ROHM-SML-512UW Datasheet
75Kb / 3P
   Ultra high brightness chip LEDs
logo
List of Unclassifed Man...
SML-512UW ETC1-SML-512UW Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-512UW ROHM-SML-512UW Datasheet
134Kb / 3P
   High Brightness Type
SML-512UW ROHM-SML-512UW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML-512UW ROHM-SML-512UW Datasheet
1Mb / 4P
   Original device technology enables high brightness
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com