Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6T30AYCAY Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMA6T30AYCAY
Description  Automotive 600 W Transil in SMA package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T30AYCAY Datasheet(HTML) 3 Page - STMicroelectronics

  SMA6T30AYCAY Datasheet HTML 1Page - STMicroelectronics SMA6T30AYCAY Datasheet HTML 2Page - STMicroelectronics SMA6T30AYCAY Datasheet HTML 3Page - STMicroelectronics SMA6T30AYCAY Datasheet HTML 4Page - STMicroelectronics SMA6T30AYCAY Datasheet HTML 5Page - STMicroelectronics SMA6T30AYCAY Datasheet HTML 6Page - STMicroelectronics SMA6T30AYCAY Datasheet HTML 7Page - STMicroelectronics SMA6T30AYCAY Datasheet HTML 8Page - STMicroelectronics SMA6T30AYCAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SMA6TY
Characteristics
Doc ID 17869 Rev 3
3/11
Table 2.
Electrical characteristics, parameter values (Tamb = 25 °C)
Order code
IRM max @ VRM
VBR @ IR
(1)
VCL @ IPP
10/1000 µs
RD
(2)
10/1000
µs
VCL @ IPP
8/20 µs
RD
(2)
8/20 µs
αT
25 °C 85 °C
min.
typ.
max.
max
max
max
µA
V
V
mA V(3)
A(4)
Ω
V(3)
A(4)
Ω
10-4/ °C
SMA6T6V7AY/CAY
20
50
5.00 6.40
6.70
7.1
10
9.1
68.0
0.029
13.4
298
0.021
5.7
SMA6T7V6AY/CAY
20
50
6.50 7.20
7.60
8.0
10 10.2 56.0
0.04
14.5
276
0.024
6.1
SMA6T10AY/CAY
20
50
8.60 9.50
10.0
10.5
1
14.5 41.0
0.098
18.6
215
0.038
7.3
SMA6T12AY/CAY
0.2
1
10.2 11.4
12.0
12.6
1
16.7 36.0
0.114
21.7
184
0.049
7.8
SMA6T14AY/CAY
0.2
1
12.0 13.3
14.0
14.7
1
18.8 31.0
0.133
23.5
157
0.056
8.3
SMA6T15AY/CAY
0.2
1
12.8 14.3
15.0
15.8
1
21.2 28.0
0.193
27.2
147
0.078
8.4
SMA6T18AY/CAY
0.2
1
15.3 17.1
18.0
18.9
1
25.2 24.0
0.263
32.3
123
0.111
8.8
SMA6T22AY/CAY
0.2
1
18.8 20.9
22.0
23.1
1
30.6 20.0
0.375
39.3
102
0.159
9.2
SMA6T24AY/CAY
0.2
1
20.5 22.8
24.0
25.2
1
33.2 18.0
0.444
42.8 93.0 0.189
9.4
SMA6T28AY/CAY
0.2
1
24.0 26.7
28.1
29.5
1
37.8 16.0
0.516
44.3 80.0 0.184
9.6
SMA6T30AY/CAY
0.2
1
25.6 28.5
30.0
31.5
1
41.5 14.5
0.690
53.5 75.0 0.293
9.7
SMA6T33AY/CAY
0.2
1
28.2 31.4
33.0
34.7
1
45.7 13.1
0.84
59.0 68.0 0.357
9.8
SMA6T39AY/CAY
0.2
1
33.3 37.1
39.0
41.0
1
53.9 11.1
1.16
69.7 57.0 0.504
10
SMA6T47AY/CAY
0.2
1
40.0 44.4
46.7
49.1
1
62.8 9.70
1.42
73.6 48.0 0.511
10.1
SMA6T56AY/CAY
0.2
1
47.6 53.2
56.0
58.8
1
76.6 7.80
2.28
100
40.0 1.030
10.0
SMA6T68AY/CAY
0.2
1
58.1 64.6
68.0
71.4
1
92.0 6.50
3.17
121
33.0
1.50
10.4
SMA6T82AY/CAY
0.2
1
70.0 77.8
81.9
86.0
1
110
5.50
4.38
120
27.0
1.27
10.5
1.
Pulse test: tp < 50 ms
2.
To calculate maximum clamping voltage at another surge level, use the following formula:
VCLmax = VCL - RD x (IPP - IPPappli) where IPPappli is the surge current in the application.
3.
To calculate VBR or VCL versus junction temperature, use the following formulas:
VBR @ TJ = VBR @ 25°C x (1 + αT x (TJ - 25))
VCL @ TJ = VCL @ 25°C x (1 + αT x (TJ - 25))
4.
Surge capability given for both directions for unidirectional and bidirectional types.


Similar Part No. - SMA6T30AYCAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6T30AY STMICROELECTRONICS-SMA6T30AY Datasheet
331Kb / 11P
   Automotive 600 W Transil??in SMA package
SMA6T30AY STMICROELECTRONICS-SMA6T30AY Datasheet
644Kb / 13P
   Automotive 600 W TVS in SMA
Rev 8 - October 2020
More results

Similar Description - SMA6T30AYCAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
SMA6T28CAY STMICROELECTRONICS-SMA6T28CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil??in SMA package
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com