Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBS51RC4ACFC-7A Datasheet(PDF) 4 Page - Elpida Memory

Part # EBS51RC4ACFC-7A
Description  512MB Registered SDRAM DIMM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS51RC4ACFC-7A Datasheet(HTML) 4 Page - Elpida Memory

  EBS51RC4ACFC-7A Datasheet HTML 1Page - Elpida Memory EBS51RC4ACFC-7A Datasheet HTML 2Page - Elpida Memory EBS51RC4ACFC-7A Datasheet HTML 3Page - Elpida Memory EBS51RC4ACFC-7A Datasheet HTML 4Page - Elpida Memory EBS51RC4ACFC-7A Datasheet HTML 5Page - Elpida Memory EBS51RC4ACFC-7A Datasheet HTML 6Page - Elpida Memory EBS51RC4ACFC-7A Datasheet HTML 7Page - Elpida Memory EBS51RC4ACFC-7A Datasheet HTML 8Page - Elpida Memory EBS51RC4ACFC-7A Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
EBS51RC4ACFC
Data Sheet E0108E30 (Ver. 3.0)
4
Serial PD Matrix*
1
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
0
Number of bytes used by module
manufacturer
1
0
0
0
0
0
0
0
80H
128
1
Total SPD memory size
0
0
0
0
1
0
0
0
08H
256 byte
2
Memory type
0
0
0
0
0
1
0
0
04H
SDRAM
3
Number of row addresses bits
0
0
0
0
1
1
0
1
0DH
13
4
Number of column addresses bits
0
0
0
0
1
0
1
1
0BH
11
5
Number of banks
0
0
0
0
0
0
0
1
01H
1
6
Module data width
0
1
0
0
1
0
0
0
48H
72 bit
7
Module data width (continued)
0
0
0
0
0
0
0
0
00H
0 (+)
8
Module interface signal levels
0
0
0
0
0
0
0
1
01H
LVTTL
9
SDRAM cycle time
(highest /CAS latency)
7.5ns
0
1
1
1
0
1
0
1
75H
CL = 3*
5
10
SDRAM access from Clock
(highest /CAS latency)
5.4ns
0
1
0
1
0
1
0
0
54H
11
Module configuration type
0
0
0
0
0
0
1
0
02H
ECC
12
Refresh rate/type
1
0
0
0
0
0
1
0
82H
Normal
(7.8125µs)
Self refresh
13
SDRAM width
0
0
0
0
0
1
0
0
04H
64M
× 4
14
Error checking SDRAM width
0
0
0
0
0
1
0
0
04H
× 4
15
SDRAM device attributes:
minimum clock delay for back-to-
back random column addresses
0
0
0
0
0
0
0
1
01H
1 CLK
16
SDRAM device attributes:
Burst lengths supported
0
0
0
0
1
1
1
1
0FH
1, 2, 4, 8
17
SDRAM device attributes: number of
banks on SDRAM device
0
0
0
0
0
1
0
0
04H
4
18
SDRAM device attributes:
/CAS latency
0
0
0
0
0
1
1
0
06H
2, 3
19
SDRAM device attributes:
/CS latency
0
0
0
0
0
0
0
1
01H
0
20
SDRAM device attributes:
/WE latency
0
0
0
0
0
0
0
1
01H
0
21
SDRAM device attributes
0
0
0
1
1
1
1
1
1FH
Registered
22
SDRAM device attributes: General
0
0
0
0
1
1
1
0
0EH
VDD ± 10%
23
SDRAM cycle time
(2nd highest /CAS latency)
(-7A) 7.5ns
0
1
1
1
0
1
0
1
75H
CL = 2*
5
(-75) 10ns
1
0
1
0
0
0
0
0
A0H
24
SDRAM access from Clock
(2nd highest /CAS latency)
(-7A)5.4ns
0
1
0
1
0
1
0
0
54H
(-75) 6ns
0
1
1
0
0
0
0
0
60H
25
SDRAM cycle time
(3rd highest /CAS latency)
Undefined
0
0
0
0
0
0
0
0
00H
26
SDRAM access from Clock
(3rd highest /CAS latency)
Undefined
0
0
0
0
0
0
0
0
00H


Similar Part No. - EBS51RC4ACFC-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52EC8APFA ELPIDA-EBS52EC8APFA Datasheet
166Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52EC8APFA-75 ELPIDA-EBS52EC8APFA-75 Datasheet
166Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52EC8APFA-7A ELPIDA-EBS52EC8APFA-7A Datasheet
166Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-75 ELPIDA-EBS52UC8APFA-75 Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
More results

Similar Description - EBS51RC4ACFC-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
   512MB Registered DDR2 SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBE51RD8AEFA-6 ELPIDA-EBE51RD8AEFA-6 Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com