Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBS26UC6APS-75 Datasheet(PDF) 2 Page - Elpida Memory

Part # EBS26UC6APS-75
Description  256MB SDRAM S.O.DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS26UC6APS-75 Datasheet(HTML) 2 Page - Elpida Memory

  EBS26UC6APS-75 Datasheet HTML 1Page - Elpida Memory EBS26UC6APS-75 Datasheet HTML 2Page - Elpida Memory EBS26UC6APS-75 Datasheet HTML 3Page - Elpida Memory EBS26UC6APS-75 Datasheet HTML 4Page - Elpida Memory EBS26UC6APS-75 Datasheet HTML 5Page - Elpida Memory EBS26UC6APS-75 Datasheet HTML 6Page - Elpida Memory EBS26UC6APS-75 Datasheet HTML 7Page - Elpida Memory EBS26UC6APS-75 Datasheet HTML 8Page - Elpida Memory EBS26UC6APS-75 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EBS26UC6APS
Data Sheet E0225E20 (Ver. 2.0)
2
Ordering Information
Part number
Clock frequency
MHz (max.)
/CAS latency Package
Contact pad
Mounted devices
EBS26UC6APS-7A
EBS26UC6APS-75 *
EBS26UC6APS-80
133
133
100
2, 3
3
2, 3
144-pin S.O.DIMM
Gold
EDS2516APTA
EBS26UC6APS-7AL
EBS26UC6APS-75L*
EBS26UC6APS-80L
133
133
100
2, 3
3
2, 3
Note: 100MHz operation at /CAS latency = 2.
Pin Configurations
Front Side
Back Side
2pin
60pin
62pin
144pin
1pin
59pin
61pin
143pin
Front side
Back side
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VSS
73
NC
2
VSS
74
CLK1
3
DQ0
75
VSS
4
DQ32
76
VSS
5
DQ1
77
NC
6
DQ33
78
NC
7
DQ2
79
NC
8
DQ34
80
NC
9
DQ3
81
VDD
10
DQ35
82
VDD
11
VDD
83
DQ16
12
VDD
84
DQ48
13
DQ4
85
DQ17
14
DQ36
86
DQ49
15
DQ5
87
DQ18
16
DQ37
88
DQ50
17
DQ6
89
DQ19
18
DQ38
90
DQ51
19
DQ7
91
VSS
20
DQ39
92
VSS
21
VSS
93
DQ20
22
VSS
94
DQ52
23
DQMB0
95
DQ21
24
DQMB4
96
DQ53
25
DQMB1
97
DQ22
26
DQMB5
98
DQ54
27
VDD
99
DQ23
28
VDD
100
DQ55
29
A0
101
VDD
30
A3
102
VDD
31
A1
103
A6
32
A4
104
A7
33
A2
105
A8
34
A5
106
BA0
35
VSS
107
VSS
36
VSS
108
VSS
37
DQ8
109
A9
38
DQ40
110
BA1
39
DQ9
111
A10 (AP)
40
DQ41
112
A11
41
DQ10
113
VDD
42
DQ42
114
VDD
43
DQ11
115
DQMB2
44
DQ43
116
DQMB6


Similar Part No. - EBS26UC6APS-75

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBS20A ADAM-TECH-EBS20A Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20B ADAM-TECH-EBS20B Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20H ADAM-TECH-EBS20H Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20J ADAM-TECH-EBS20J Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20K ADAM-TECH-EBS20K Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
More results

Similar Description - EBS26UC6APS-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
   256MB DDR SDRAM S.O.DIMM
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS12UC6APS ELPIDA-EBS12UC6APS Datasheet
145Kb / 14P
   128MB SDRAM S.O.DIMM
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
logo
List of Unclassifed Man...
EM488M3244VBA-8F ETC1-EM488M3244VBA-8F Datasheet
884Kb / 33P
   256Mb SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com