Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAMX-008786-ES0120 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAMX-008786-ES0120
Description  E-Series Surface Mount Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMX-008786-ES0120 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAMX-008786-ES0120 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMX-008786-ES0120 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMX-008786-ES0120 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMX-008786-ES0120 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Rev. V2
MAMX-008786-ES0120
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
E-Series Surface Mount Mixer
880 – 915 MHz
LO VSWR
RF VSWR
IF VSWR
LO - IF Isolation
Typical Performance Curves @
+25°C
LO - RF Isolation
-45. 00
-40. 00
-35. 00
-30. 00
-25. 00
-20. 00
-15. 00
-10. 00
-5. 00
0. 00
1000. 00
1065. 00
1130. 00
Fr equency ( MHz)
LO- RF I sol at i on
- 35. 00
- 30. 00
- 25. 00
- 20. 00
- 15. 00
- 10. 00
-5. 00
0. 00
1000. 00
1065. 00
1130. 00
Fr equency ( MHz )
LO- I F I s ol at i on
1. 00
1. 10
1. 20
1. 30
1. 40
1. 50
1. 60
1. 70
1. 80
1. 90
2. 00
150. 00
152. 00
154. 00
156. 00
158. 00
160. 00
162. 00
164. 00
166. 00
168. 00
170. 00
Fr equenc y ( MHz )
IF VSWR
1. 00
1. 10
1. 20
1. 30
1. 40
1. 50
1. 60
1. 70
1. 80
1. 90
2. 00
880. 00
885. 00
890. 00
895. 00
900. 00
905. 00
910. 00
915. 00
Fr equency ( MHz)
RF VSWR
1. 00
1. 10
1. 20
1. 30
1. 40
1. 50
1. 60
1. 70
1. 80
1. 90
2. 00
1000. 00
1065. 00
1130. 00
Fr equenc y ( MHz )
LO VSWR


Similar Part No. - MAMX-008786-ES0120

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-008786-ES0120 MA-COM-MAMX-008786-ES0120 Datasheet
83Kb / 2P
   E-Series Surface Mount Mixer 880 - 915 MHz
MAMX-008786-ES0120 MA-COM-MAMX-008786-ES0120 Datasheet
68Kb / 4P
   E-Series Surface Mount Mixer
MAMX-008786-ES0120 MA-COM-MAMX-008786-ES0120_15 Datasheet
68Kb / 4P
   E-Series Surface Mount Mixer
MAMX-008786-ES0120_V2 MA-COM-MAMX-008786-ES0120_V2 Datasheet
68Kb / 4P
   E-Series Surface Mount Mixer
More results

Similar Description - MAMX-008786-ES0120

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067_15 Datasheet
147Kb / 2P
   E-Series Surface Mount Mixer
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP_15 Datasheet
156Kb / 2P
   E-Series Surface Mount Mixer
MAMXES0117 MA-COM-MAMXES0117_15 Datasheet
165Kb / 4P
   E-Series Surface Mount Mixer
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH_15 Datasheet
137Kb / 2P
   E-Series Surface Mount Mixer
MAMX-007238-CM25MH_V5 MA-COM-MAMX-007238-CM25MH_V5 Datasheet
75Kb / 4P
   E-Series Surface Mount Mixer
MAMX-008786-ES0120_V2 MA-COM-MAMX-008786-ES0120_V2 Datasheet
68Kb / 4P
   E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
MAMX-009646-23DBML-V5 MA-COM-MAMX-009646-23DBML-V5 Datasheet
837Kb / 4P
   E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500_15 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com