Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBS25EC8APSA-7AL Datasheet(PDF) 3 Page - Elpida Memory

Part # EBS25EC8APSA-7AL
Description  256MB SDRAM S.O.DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS25EC8APSA-7AL Datasheet(HTML) 3 Page - Elpida Memory

  EBS25EC8APSA-7AL Datasheet HTML 1Page - Elpida Memory EBS25EC8APSA-7AL Datasheet HTML 2Page - Elpida Memory EBS25EC8APSA-7AL Datasheet HTML 3Page - Elpida Memory EBS25EC8APSA-7AL Datasheet HTML 4Page - Elpida Memory EBS25EC8APSA-7AL Datasheet HTML 5Page - Elpida Memory EBS25EC8APSA-7AL Datasheet HTML 6Page - Elpida Memory EBS25EC8APSA-7AL Datasheet HTML 7Page - Elpida Memory EBS25EC8APSA-7AL Datasheet HTML 8Page - Elpida Memory EBS25EC8APSA-7AL Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EBS25EC8APSA
Data Sheet E0227E20 (Ver. 2.0)
3
Front side
Back side
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
43
DQ11
115
DQMB2
44
DQ43
116
DQMB6
45
VDD
117
DQMB3
46
VDD
118
DQMB7
47
DQ12
119
VSS
48
DQ44
120
VSS
49
DQ13
121
DQ24
50
DQ45
122
DQ56
51
DQ14
123
DQ25
52
DQ46
124
DQ57
53
DQ15
125
DQ26
54
DQ47
126
DQ58
55
VSS
127
DQ27
56
VSS
128
DQ59
57
CB0
129
VDD
58
CB1
130
VDD
59
CB2
131
DQ28
60
CB3
132
DQ60
61
CLK0
133
DQ29
62
CKE0
134
DQ61
63
VDD
135
DQ30
64
VDD
136
DQ62
65
/RAS
137
DQ31
66
/CAS
138
DQ63
67
/WE
139
VSS
68
NC
140
VSS
69
/CS0
141
SDA
70
A12
142
SCL
71
NC
143
VDD
72
NC
144
VDD
Pin Description
Pin name
Function
A0 to A12
Address input
 Row address
A0 to A12
 Column address A0 to A9
BA0, BA1
Bank select address
DQ0 to DQ63
Data input/output
CB0 to CB7
Check bit (Data input/output)
/CS0
Chip select input
/RAS
Row enable (/RAS) input
/CAS
Column enable (/CAS) input
/WE
Write enable input
DQMB0 to DQMB7
Byte data mask
CLK0, CLK1
Clock input
CKE0
Clock enable input
SDA
Data input/output for serial PD
SCL
Clock input for serial PD
VDD
Primary positive power supply
VSS
Ground
NC
No connection


Similar Part No. - EBS25EC8APSA-7AL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS25EC8APFA ELPIDA-EBS25EC8APFA Datasheet
160Kb / 14P
   256MB Unbuffered SDRAM DIMM
EBS25EC8APFA-75 ELPIDA-EBS25EC8APFA-75 Datasheet
160Kb / 14P
   256MB Unbuffered SDRAM DIMM
EBS25EC8APFA-7A ELPIDA-EBS25EC8APFA-7A Datasheet
160Kb / 14P
   256MB Unbuffered SDRAM DIMM
More results

Similar Description - EBS25EC8APSA-7AL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS26UC6APS ELPIDA-EBS26UC6APS Datasheet
145Kb / 14P
   256MB SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
   256MB DDR SDRAM S.O.DIMM
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS12UC6APS ELPIDA-EBS12UC6APS Datasheet
145Kb / 14P
   128MB SDRAM S.O.DIMM
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
logo
List of Unclassifed Man...
EM488M3244VBA-8F ETC1-EM488M3244VBA-8F Datasheet
884Kb / 33P
   256Mb SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com