Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBS12UC6APS-80L Datasheet(PDF) 8 Page - Elpida Memory

Part # EBS12UC6APS-80L
Description  128MB SDRAM S.O.DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS12UC6APS-80L Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBS12UC6APS-80L Datasheet HTML 4Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 5Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 6Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 7Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 8Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 9Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 10Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 11Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
EBS12UC6APS
Data Sheet E0224E20 (Ver. 2.0)
8
DC Characteristics 1 (TA = 0 to +70°C, VDD = 3.3V ± 0.3V, VSS = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
ICC1
-7A/7AL 540
mA
Burst length = 1
tRC = tRC (min.)
1, 2, 3
ICC1
-75/75L
460
mA
ICC1
-80/80L
444
mA
Standby current in power down
ICC2P
12
mA
CKE = VIL, tCK = 12ns
6
Standby current in non power
down
ICC2N
80
mA
CKE, /CS = VIH,
tCK = 12ns
4
Active standby current in power
down
ICC3P
16
mA
CKE = VIL, tCK = 12ns
1, 2, 6
Active standby current in non
power down
ICC3N
120
mA
CKE, /CS = VIH,
tCK = 12ns
1, 2, 4
Burst operating current
ICC4
580
mA
tCK = tCK (min.), BL = 4
1, 2, 5
Refresh current
ICC5
-7A/7AL 1000
mA
tRC = tRC (min.)
3
ICC5
-75/75L
880
mA
ICC5
-80/80L
850
mA
Self refresh current
ICC6
12
mA
VIH ≥ VDD – 0.2V
VIL ≤ 0.2V
7
Self refresh current
(L-version)
ICC6
-XXL
4
mA
Notes: 1. ICC depends on output load condition when the device is selected. ICC (max.) is specified at the output
open condition
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, /CLK operating current.
7. After self refresh mode set, self refresh current.
DC Characteristics 2 (TA = 0 to +70°C, VDD = 3.3V ± 0.3V, VSS = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–8
8
µA
0 ≤ VIN ≤ VDD
Output leakage current
ILO
–1.5
1.5
µA
0 ≤ VOUT ≤ VDD
DQ = disable
Output high voltage
VOH
2.4
V
IOH = –4mA
Output low voltage
VOL
0.4
V
IOL = 4mA


Similar Part No. - EBS12UC6APS-80L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
EBS101 SECOS-EBS101 Datasheet
200Kb / 2P
   Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers
EBS101 SECOS-EBS101_15 Datasheet
235Kb / 2P
   1.0 Amp Silicon Bridge Rectifiers
EBS102 SECOS-EBS102 Datasheet
200Kb / 2P
   Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers
EBS103 SECOS-EBS103 Datasheet
200Kb / 2P
   Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers
EBS104 SECOS-EBS104 Datasheet
200Kb / 2P
   Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers
More results

Similar Description - EBS12UC6APS-80L

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS26UC6APS ELPIDA-EBS26UC6APS Datasheet
145Kb / 14P
   256MB SDRAM S.O.DIMM
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
logo
List of Unclassifed Man...
EM488M1644VTA-55L ETC1-EM488M1644VTA-55L Datasheet
920Kb / 18P
   128Mb SDRAM
logo
Elpida Memory
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
   256MB DDR SDRAM S.O.DIMM
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
logo
Vanguard International ...
P2V28S20DTP-7 VML-P2V28S20DTP-7 Datasheet
652Kb / 51P
   128Mb SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com