Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBS25EC8APSA-75 Datasheet(PDF) 5 Page - Elpida Memory

Part # EBS25EC8APSA-75
Description  256MB SDRAM S.O.DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS25EC8APSA-75 Datasheet(HTML) 5 Page - Elpida Memory

  EBS25EC8APSA-75 Datasheet HTML 1Page - Elpida Memory EBS25EC8APSA-75 Datasheet HTML 2Page - Elpida Memory EBS25EC8APSA-75 Datasheet HTML 3Page - Elpida Memory EBS25EC8APSA-75 Datasheet HTML 4Page - Elpida Memory EBS25EC8APSA-75 Datasheet HTML 5Page - Elpida Memory EBS25EC8APSA-75 Datasheet HTML 6Page - Elpida Memory EBS25EC8APSA-75 Datasheet HTML 7Page - Elpida Memory EBS25EC8APSA-75 Datasheet HTML 8Page - Elpida Memory EBS25EC8APSA-75 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EBS25EC8APSA
Data Sheet E0227E20 (Ver. 2.0)
5
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
28
Row active to row active min
(-7A/7AL, -75/75L)
0
0
0
0
1
1
1
1
0FH
15ns
(-80/80L)
0
0
0
1
0
0
0
0
10H
16ns
29
/RAS to /CAS delay min
(-7A/7AL)
0
0
0
0
1
1
1
1
0FH
15ns
(-75/75L, -80/80L)
0
0
0
1
0
1
0
0
14H
20ns
30
Minimum /RAS pulse width
(-7A/7AL, -75/75L)
0
0
1
0
1
1
0
1
2DH
45ns
(-80/80L)
0
0
1
1
0
0
0
0
30H
48ns
31
Density of each bank on module
0
1
0
0
0
0
0
0
40H
256MB
32
Address and command signal input
setup time
(-7A/7AL, -75/75L)
0
0
0
1
0
1
0
1
15H
1.5ns
(-80/80L)
0
0
1
0
0
0
0
0
20H
2ns
33
Address and command signal input
hold time
(-7A/7AL, -75/75L)
0
0
0
0
1
0
0
0
08H
0.8ns
(-80/80L)
0
0
0
1
0
0
0
0
10H
1ns
34
Data signal input setup time
(-7A/7AL, -75/75L)
0
0
0
1
0
1
0
1
15H
1.5ns
(-80/80L)
0
0
1
0
0
0
0
0
20H
2ns
35
Data signal input hold time
(-7A/7AL, -75/75L)
0
0
0
0
1
0
0
0
08H
0.8ns
(-80/80L)
0
0
0
1
0
0
0
0
10H
1ns
36 to 61
Superset information
0
0
0
0
0
0
0
0
00H
62
SPD data revision code
0
0
0
1
0
0
1
0
12H
1.2
63
Checksum for Bytes 0 to 62
(-7A/7AL)
1
0
1
0
0
0
1
1
A3H
(-75/75L)
1
1
1
0
0
1
0
0
E4H
(-80/80L)
0
0
1
0
0
1
0
1
25H
64
Manufacturer’s JEDEC ID code
1
1
1
1
1
1
1
0
FEH
Elpida Memory
65 to 71
Manufacturer’s JEDEC ID code
0
0
0
0
0
0
0
0
00H
72
Manufacturing location
73 to 90
Manufacturer’s part number
91 to 92
Revision code
93 to 94
Manufacturing date
95 to 98
Assembly serial number
99 to 125 Manufacturer specific data
126
Reserved (Intel specification
frequency)
0
1
1
0
0
1
0
0
64H
100MHz
127
Reserved (Intel specification /CAS#
latency support)
1
1
0
0
0
1
1
1
C7H


Similar Part No. - EBS25EC8APSA-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS25EC8APFA ELPIDA-EBS25EC8APFA Datasheet
160Kb / 14P
   256MB Unbuffered SDRAM DIMM
EBS25EC8APFA-75 ELPIDA-EBS25EC8APFA-75 Datasheet
160Kb / 14P
   256MB Unbuffered SDRAM DIMM
EBS25EC8APFA-7A ELPIDA-EBS25EC8APFA-7A Datasheet
160Kb / 14P
   256MB Unbuffered SDRAM DIMM
More results

Similar Description - EBS25EC8APSA-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS26UC6APS ELPIDA-EBS26UC6APS Datasheet
145Kb / 14P
   256MB SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
   256MB DDR SDRAM S.O.DIMM
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS12UC6APS ELPIDA-EBS12UC6APS Datasheet
145Kb / 14P
   128MB SDRAM S.O.DIMM
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
logo
List of Unclassifed Man...
EM488M3244VBA-8F ETC1-EM488M3244VBA-8F Datasheet
884Kb / 33P
   256Mb SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com