Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBS25EC8APFA-75 Datasheet(PDF) 8 Page - Elpida Memory

Part # EBS25EC8APFA-75
Description  256MB Unbuffered SDRAM DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS25EC8APFA-75 Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBS25EC8APFA-75 Datasheet HTML 4Page - Elpida Memory EBS25EC8APFA-75 Datasheet HTML 5Page - Elpida Memory EBS25EC8APFA-75 Datasheet HTML 6Page - Elpida Memory EBS25EC8APFA-75 Datasheet HTML 7Page - Elpida Memory EBS25EC8APFA-75 Datasheet HTML 8Page - Elpida Memory EBS25EC8APFA-75 Datasheet HTML 9Page - Elpida Memory EBS25EC8APFA-75 Datasheet HTML 10Page - Elpida Memory EBS25EC8APFA-75 Datasheet HTML 11Page - Elpida Memory EBS25EC8APFA-75 Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
EBS25EC8APFA
Data Sheet E0209E20 (Ver. 2.0)
8
DC Characteristics1 (TA = 0 to 70°C, VDD = 3.3V ± 0.3V, VSS = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
ICC1
-7A
1170
mA
Burst length = 1
tRC = tRC (min.)
1, 2, 3
ICC1
-75
990
mA
Standby current in power down
ICC2P
27
mA
CKE = VIL, tCK = 12ns
6
Standby current in non power
down
ICC2N
180
mA
CKE, /CS = VIH,
tCK = 12ns
4
Active standby current in power
down
ICC3P
36
mA
CKE = VIL, tCK = 12ns
1, 2, 6
Active standby current in non
power down
ICC3N
270
mA
CKE, /CS = VIH,
tCK = 12ns
1, 2, 4
Burst operating current
ICC4
1215
mA
tCK = tCK (min.), BL = 4
1, 2, 5
Refresh current
ICC5
-7A
2250
mA
tRC = tRC (min.)
3
ICC5
-75
1980
mA
Self refresh current
ICC6
27
mA
VIH ≥ VDD – 0.2V
VIL ≤ 0.2V
7
Notes: 1. ICC depends on output load condition when the device is selected. ICC (max.) is specified at the output
open condition.
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, CLK operating current.
7. After self refresh mode set, self refresh current.
DC Characteristics2 (TA = 0 to 70°C, VDD = 3.3V ± 0.3V, VSS = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–9
9
µA
0 ≤ VIN ≤ VDD
Output leakage current
ILO
–1.5
1.5
µA
0 ≤ VOUT ≤ VDD
DQ = disable
Output high voltage
VOH
2.4
V
IOH = –4mA
Output low voltage
VOL
0.4
V
IOL = 4mA


Similar Part No. - EBS25EC8APFA-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
EBS25EC8APSA-75 ELPIDA-EBS25EC8APSA-75 Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
EBS25EC8APSA-75L ELPIDA-EBS25EC8APSA-75L Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
EBS25EC8APSA-7A ELPIDA-EBS25EC8APSA-7A Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
EBS25EC8APSA-7AL ELPIDA-EBS25EC8APSA-7AL Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
More results

Similar Description - EBS25EC8APFA-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
EBS25UC8APFA ELPIDA-EBS25UC8APFA Datasheet
158Kb / 14P
   256MB Unbuffered SDRAM DIMM
HB52E328EM-A6B ELPIDA-HB52E328EM-A6B Datasheet
150Kb / 19P
   256MB Unbuffered SDRAM DIMM
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
HB52RF328GB-B ELPIDA-HB52RF328GB-B Datasheet
148Kb / 16P
   256MB Unbuffered SDRAM Micro DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com