Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAGX-011086-V1A Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-011086-V1A
Description  GaN Wideband Transistor 28 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-011086-V1A Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAGX-011086-V1A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-011086-V1A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-011086-V1A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-011086-V1A Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaN Wideband Transistor 28 V, 5 W
DC - 6 GHz
Advance - Rev. V1A
MAGX-011086
3
33
M/A-COM Technology Solutions Inc. (MACOM ) and its affiliates reserve the right to
make changes to the product(s) or information contained herein without notice.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
ADVANCE: Data Sheets contain information regarding a product MACOM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MACOM has under
development. Performance is based on engineering tests. Specifications are typical. Mechanical
outline has been fixed. Engineering samples and/or test data may be available. Commitment to
produce in volume is not guaranteed.
3. Exceeding any one or combination of these limits may cause permanent damage to this device.
4. MACOM does not recommend sustained operation near these survivability limits.
5. Operating at nominal conditions with TJ ≤ 200°C will ensure MTTF > 1 x 10
6 hours.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Nitride Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these Class 1B devices.
Parameter
Absolute Max.
Drain Source Voltage, VDS
100 V
Gate Source Voltage, VGS
-10 to 3 V
Gate Current, IG
4 mA
Power Dissipation, PT
10.3 W
Junction Case Temperature
+200°C
Operating Temperature
-40°C to +100°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings3,4,5


Similar Part No. - MAGX-011086-V1A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011086-SMBPPR MA-COM-MAGX-011086-SMBPPR Datasheet
1Mb / 10P
   GaN Wideband Transistor 28 V, 4 W
More results

Similar Description - MAGX-011086-V1A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011086 MA-COM-MAGX-011086_15 Datasheet
1Mb / 10P
   GaN Wideband Transistor 28 V, 4 W
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
   GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
   GaN Wideband Power Amplifier, 28 V, 12.5 W
NPT2020 MA-COM-NPT2020_15 Datasheet
1Mb / 13P
   GaN Wideband Transistor 48 V, 50 W
NPT2022 MA-COM-NPT2022_14 Datasheet
1Mb / 11P
   GaN Wideband Transistor 48 V, 100 W
MATR-GSHC03-160150 MA-COM-MATR-GSHC03-160150 Datasheet
1Mb / 11P
   GaN Wideband Transistor Die
logo
Qorvo, Inc
TGF2933 QORVO-TGF2933 Datasheet
4Mb / 24P
   DC ??25 GHz, 28 V, 7 W GaN RF Transistor
T2G6001528-Q3 QORVO-T2G6001528-Q3_V01 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
TGF2934 QORVO-TGF2934 Datasheet
3Mb / 24P
   DC ??25 GHz, 28 V, 14 W GaN RF Transistor
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com