Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAGX-002735-040L00 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-002735-040L00
Description  GaN HEMT Pulsed Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-002735-040L00 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAGX-002735-040L00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-002735-040L00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-002735-040L00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-002735-040L00 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-002735-040L00 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-002735-040L00 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-002735-040L00 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GaN HEMT Pulsed Power Transistor
2.7 - 3.5 GHz, 40W Peak, 300us Pulse, 10% Duty Cycle
MAGX-002735-040L00
Production V1
26 March 12
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications, simu-
lated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be avail-
able. Commitment to produce in volume is not guaranteed.
Features
 GaN depletion mode HEMT microwave transistor
 Common source configuration
 Broadband Class AB operation
 Thermally enhanced Cu/Mo/Cu package
 RoHS Compliant
 +50V Typical Operation
 MTTF of 600 years (Channel Temperature < 200°C)
Application
 Civilian and Military Pulsed Radar
Product Description
The MAGX-002735-040L00 is a gold metalized matched Gallium
Nitride (GaN) on Silicon Carbide RF power transistor optimized for
civilian and military radar pulsed applications between 2700 - 3500
MHz. Using state of the art wafer fabrication processes, these high
performance transistors provide high gain, efficiency, bandwidth,
ruggedness over a wide bandwidth for today’s demanding
application needs. The MAGX-002735-040L00 is constructed using
a thermally enhanced Cu/Mo/Cu flanged ceramic package which
provides excellent thermal performance. High breakdown voltages
allow for reliable and stable operation in extreme mismatched load
conditions unparalleled with older semiconductor technologies.
Typical RF Performance
Freq
(MHz)
Pin
(W
Peak)
Pout
(W
Peak)
Gain
(dB)
Id-Pk
(A)
Eff
(%)
2700
4
44
10.4
1.7
53
3100
4
46
10.6
1.7
54
3500
4
42
10.2
1.5
55
2900
4
44
10.5
1.6
56
2800
4
45
10.5
1.7
53
3000
4
43
10.3
1.7
51
3400
4
43
10.3
1.5
55
3300
4
47
10.7
1.7
57
3200
4
47
10.7
1.7
54
Typical RF performance measured in M/A-COM RF test fixture.
Devices tested in common source Class-AB configuration as
follows: Vdd=50V, Idq=250mA (pulsed), F=2.7—3.5 GHz,
Pulse=300us, Duty=10%.
Ordering Information
MAGX-002735-040L00
40W GaN Power Transistor
MAGX-002735-SB0PPR Evaluation Fixture


Similar Part No. - MAGX-002735-040L00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-002735-040L00 MA-COM-MAGX-002735-040L00 Datasheet
307Kb / 7P
   GaN HEMT Pulsed Power Transistor 2.7 - 3.5 GHz, 40W Peak, 300us Pulse, 10% Duty Cycle
MAGX-002735-040L00 MA-COM-MAGX-002735-040L00_15 Datasheet
307Kb / 7P
   GaN HEMT Pulsed Power Transistor
More results

Similar Description - MAGX-002735-040L00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00_15 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-100L00 MA-COM-MAGX-002731-100L00 Datasheet
381Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-180L00 MA-COM-MAGX-002731-180L00 Datasheet
831Kb / 6P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-100L00 MA-COM-MAGX-002731-100L00_15 Datasheet
381Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-180L00 MA-COM-MAGX-002731-180L00_15 Datasheet
831Kb / 6P
   GaN HEMT Pulsed Power Transistor
MAGX-002735-040L00 MA-COM-MAGX-002735-040L00_15 Datasheet
307Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00_15 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com