Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X3C19P1-05S Datasheet(PDF) 4 Page - Anaren Microwave

Part # X3C19P1-05S
Description  5dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C19P1-05S Datasheet(HTML) 4 Page - Anaren Microwave

  X3C19P1-05S Datasheet HTML 1Page - Anaren Microwave X3C19P1-05S Datasheet HTML 2Page - Anaren Microwave X3C19P1-05S Datasheet HTML 3Page - Anaren Microwave X3C19P1-05S Datasheet HTML 4Page - Anaren Microwave X3C19P1-05S Datasheet HTML 5Page - Anaren Microwave X3C19P1-05S Datasheet HTML 6Page - Anaren Microwave X3C19P1-05S Datasheet HTML 7Page - Anaren Microwave X3C19P1-05S Datasheet HTML 8Page - Anaren Microwave X3C19P1-05S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model X3C19P1-05S
Rev B
Typical Performance (-55°C, 25°C and 95°C): 1700-2000 MHz
1700
1750
1800
1850
1900
1950
2000
-60
-50
-40
-30
-20
-10
0
Frequency (Mhz)
Return Loss for X3C19P1-05S(Feeding port1)
-55ºC
25ºC
95ºC
1700
1750
1800
1850
1900
1950
2000
-60
-50
-40
-30
-20
-10
0
Frequency (Mhz)
Return Loss for X3C19P1-05S(Feeding port2)
-55ºC
25ºC
95ºC
1700
1750
1800
1850
1900
1950
2000
-60
-50
-40
-30
-20
-10
0
Frequency (Mhz)
Return Loss for X3C19P1-05S(Feeding port3)
-55ºC
25ºC
95ºC
1700
1750
1800
1850
1900
1950
2000
-60
-50
-40
-30
-20
-10
0
Frequency (Mhz)
Return Loss for X3C19P1-05S(Feeding port4)
-55ºC
25ºC
95ºC


Similar Part No. - X3C19P1-05S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C19P1-03 ANAREN-X3C19P1-03 Datasheet
645Kb / 26P
   Hybrid Coupler
X3C19P1-03P ANAREN-X3C19P1-03P Datasheet
671Kb / 22P
   30 dB Directional Coupler
X3C19P1-03S ANAREN-X3C19P1-03S Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
logo
NXP Semiconductors
X3C19P1-03S NXP-X3C19P1-03S Datasheet
555Kb / 21P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2016
X3C19P1-03S NXP-X3C19P1-03S Datasheet
221Kb / 8P
   RF Power GaN Transistor
More results

Similar Description - X3C19P1-05S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C21P1-05S ANAREN-X3C21P1-05S Datasheet
593Kb / 22P
   5dB Directional Coupler
X3C25P1-05S ANAREN-X3C25P1-05S Datasheet
587Kb / 22P
   5dB Directional Coupler
logo
American Accurate Compo...
JXMBOH-T-800-2500-5 AAC-JXMBOH-T-800-2500-5 Datasheet
202Kb / 1P
   Air Dielectric Directional Coupler (5dB, 6dB, 7dB, 10dB)
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
   Directional Coupler
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
   Directional Coupler
logo
RFHIC
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
   Directional Coupler
CP361 RFHIC-CP361 Datasheet
177Kb / 3P
   Directional Coupler
logo
Merrimac Industries, In...
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
   DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
   DIRECTIONAL COUPLER
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
   DIRECTIONAL COUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com