Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAGX-001214-250L00-PROD Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-001214-250L00-PROD
Description  GaN on SiC HEMT Pulsed Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-001214-250L00-PROD Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAGX-001214-250L00-PROD Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-001214-250L00-PROD Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-001214-250L00-PROD Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-001214-250L00-PROD Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-001214-250L00-PROD Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-001214-250L00-PROD Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GaN on SiC HEMT Pulsed Power Transistor
250W Peak, 1200-1400 MHz, 300µs Pulse, 10% Duty
MAGX-001214-250L00
Production V1
18 Aug 11
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications, simu-
lated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be avail-
able. Commitment to produce in volume is not guaranteed.
RF Power Transfer Curve (Output Power Vs. Input Power)
RF Power Transfer Curve (Drain Efficiency Vs. Output Power)
50
100
150
200
250
300
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Pin (W)
1200 MHz
1300 MHz
1400 MHz
35
40
45
50
55
60
65
70
100
125
150
175
200
225
250
275
300
Pout (W)
1200 MHz
1300 MHz
1400 MHz


Similar Part No. - MAGX-001214-250L00-PROD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001214-250L00 MA-COM-MAGX-001214-250L00 Datasheet
782Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor 250W Peak, 1200-1400 MHz, 300關s Pulse, 10% Duty
MAGX-001214-250L00 MA-COM-MAGX-001214-250L00_15 Datasheet
782Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor
More results

Similar Description - MAGX-001214-250L00-PROD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000035-045000 MA-COM-MAGX-000035-045000_15 Datasheet
922Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-250L00 MA-COM-MAGX-000912-250L00_15 Datasheet
794Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00_15 Datasheet
1,019Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-003135-120L00 MA-COM-MAGX-003135-120L00_15 Datasheet
632Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001214-500L00 MA-COM-MAGX-001214-500L00_15 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L0X MA-COM-MAGX-000912-500L0X Datasheet
665Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001090-600L0X MA-COM-MAGX-001090-600L0X Datasheet
944Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-002731-180L0X MA-COM-MAGX-002731-180L0X Datasheet
833Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-003135-120L00 MA-COM-MAGX-003135-120L00 Datasheet
632Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com