Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQP2184MU Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQP2184MU
Description  Polypropylene Film Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQP2184MU Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQP2184MU Datasheet HTML 1Page - Panasonic Semiconductor ECQP2184MU Datasheet HTML 2Page - Panasonic Semiconductor ECQP2184MU Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IPackaging Specifications for Bulk Package
Packing quantity: 100 pcs./bag
ITaping Specifications for Automatic Insertion
GTaping style
GPackaging Specifications
Refer to the page of taping specifications.
....
Please consult us for straight lead wire type.
....
IRating, Dimensions & Quantity/Ammo Box
GRated voltage : 200 VDC, Capacitance tolerance : ±2 %(G), ±5 %(J), ±10 %(K)
Part No.
ECQP2153MU(
)
0.015
14.5
6.0
16.0
10.0
0.60
ECQP2183MU(
)
0.018
14.5
6.0
16.5
10.0
0.60
ECQP2223MU(
)
0.022
19.5
5.5
15.5
10.0
0.60
ECQP2273MU(
)
0.027
19.5
6.0
16.0
10.0
0.60
ECQP2333MU(
)
0.033
19.5
6.0
17.4
10.0
0.60
ECQP2393MU(
)
0.039
19.5
6.0
17.8
10.0
0.60
ECQP2473MU(
)
0.047
19.5
6.0
19.4
10.0
0.60
ECQP2563MU(
)
0.056
19.5
6.5
19.8
15.0
0.60
ECQP2683MU(
)
0.068
19.5
7.0
20.4
15.0
0.60
ECQP2823MU(
)
0.082
24.5
6.0
20.8
15.0
0.80
ECQP2104MU(
)
0.10
24.5
6.5
21.2
15.0
0.80
ECQP2124MU(
)
0.12
24.5
7.0
21.8
15.0
0.80
ECQP2154MU(
)
0.15
24.5
7.5
25.0
20.0
0.80
ECQP2184MU(
)
0.18
24.5
8.5
25.8
20.0
0.80
ECQP2224MU(
)
0.22
24.5
9.0
26.6
20.0
0.80
ECQP2274MU(
)
0.27
24.5
10.0
27.6
20.0
0.80
ECQP2334MU(
)
0.33
24.5
11.0
28.6
20.0
0.80
ECQP2394MU(
)
0.39
24.5
12.0
29.6
20.0
0.80
ECQP2474MU(
)
0.47
24.5
13.5
31.0
20.0
0.80
Cap.
(µF)
Ammo
Quantity
500
Dimensions (mm)
L max.
T max.
S
ød
H max.
Suffix for lead crimped or taped type.
Cap. tol. code
Ammo
Ammo
Ammo
0.015 to 0.068
0.0082 to 0.15
0.0010 to 0.027
200 VDC
400 VDC
ECQP (U)
Cap. range
(µF)
Taping style
Packing
630 VDC
AD
AS
BC
D
E
K
K
K
Rated volt.
Type
Style
E
Lead Spacing
7.5 mm
See the column
“Rating, Dimensions
& Quantity Box” for
packing quantity.
....
GLead Spacing
Style D: 0.015 µF to 0.018 µF, 0.056 µF to 0.068 µF,
0.15 µF to 0.47 µF
Style B: 0.022 µF to 0.047 µF, 0.082 µF to 0.12 µF
L
L
IDimensions in mm (not to scale)
Mar. 2006


Similar Part No. - ECQP2184MU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQP2184MU PANASONIC-ECQP2184MU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
More results

Similar Description - ECQP2184MU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-P6472JU PANASONIC-ECQ-P6472JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H221JZ PANASONIC-ECQ-P1H221JZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
Panasonic Semiconductor
ECW-F4224JL PANASONIC-ECW-F4224JL Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-FD2W474J PANASONIC-ECW-FD2W474J Datasheet
241Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
R463I347000M1K KEMET-R463I347000M1K Datasheet
1Mb / 9P
   METALLIZED POLYPROPYLENE FILM CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com