Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD21RD4ABNA-7A Datasheet(PDF) 7 Page - Elpida Memory

Part # EBD21RD4ABNA-7A
Description  2GB Registered DDR SDRAM DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD21RD4ABNA-7A Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBD21RD4ABNA-7A Datasheet HTML 3Page - Elpida Memory EBD21RD4ABNA-7A Datasheet HTML 4Page - Elpida Memory EBD21RD4ABNA-7A Datasheet HTML 5Page - Elpida Memory EBD21RD4ABNA-7A Datasheet HTML 6Page - Elpida Memory EBD21RD4ABNA-7A Datasheet HTML 7Page - Elpida Memory EBD21RD4ABNA-7A Datasheet HTML 8Page - Elpida Memory EBD21RD4ABNA-7A Datasheet HTML 9Page - Elpida Memory EBD21RD4ABNA-7A Datasheet HTML 10Page - Elpida Memory EBD21RD4ABNA-7A Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
EBD21RD4ABNA
Preliminary Data Sheet E0273E20 (Ver. 2.0)
7
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
77
Module part number
0
0
1
1
0
0
0
1
31H
1
78
Module part number
0
1
0
1
0
0
1
0
52H
R
79
Module part number
0
1
0
0
0
1
0
0
44H
D
80
Module part number
0
0
1
1
0
1
0
0
34H
4
81
Module part number
0
1
0
0
0
0
0
1
41H
A
82
Module part number
0
1
0
0
0
0
1
0
42H
B
83
Module part number
0
1
0
0
1
1
1
0
4EH
N
84
Module part number
0
1
0
0
0
0
0
1
41H
A
85
Module part number
0
0
1
0
1
1
0
1
2DH
86
Module part number
-7A, -7B
0
0
1
1
0
1
1
1
37H
7
-10
0
0
1
1
0
0
0
1
31H
1
87
Module part number
-7A
0
1
0
0
0
0
0
1
41H
A
-7B
0
1
0
0
0
0
1
0
42H
B
-10
0
0
1
1
0
0
0
0
30H
0
88 to 90
Module part number
0
0
1
0
0
0
0
0
20H
(Space)
91
Revision code
0
0
1
1
0
0
0
0
30H
Initial
92
Revision code
0
0
1
0
0
0
0
0
20H
(Space)
93
Manufacturing date
×
×
×
×
×
×
×
×
××
Year code
(HEX)
94
Manufacturing date
×
×
×
×
×
×
×
×
××
Week code
(HEX)
95 to 98
Module serial number
*
2
99 to 127
Manufacturer specific data
Notes: 1. All serial PD data are not protected. 0: Serial data, “driven Low”, 1: Serial data, “driven High” These
SPD are based on JEDEC Committee Ballot JC-42.5-99-129.
2. Bytes 95 through 98 are assembly serial number.
3. These specifications are defined based on component specification, not module.


Similar Part No. - EBD21RD4ABNA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD21RD4ADNA ELPIDA-EBD21RD4ADNA Datasheet
176Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBD21RD4ADNA-6B ELPIDA-EBD21RD4ADNA-6B Datasheet
176Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBD21RD4ADNA-6B-E ELPIDA-EBD21RD4ADNA-6B-E Datasheet
201Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBD21RD4ADNA-7A ELPIDA-EBD21RD4ADNA-7A Datasheet
176Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBD21RD4ADNA-7A-E ELPIDA-EBD21RD4ADNA-7A-E Datasheet
201Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
More results

Similar Description - EBD21RD4ABNA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS21RC2ACNA ELPIDA-EBS21RC2ACNA Datasheet
149Kb / 15P
   2GB Registered SDRAM DIMM
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BF4-J HYNIX-HYMD264G726BF4-J Datasheet
185Kb / 16P
   Registered DDR SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE21AD4AGFA ELPIDA-EBE21AD4AGFA Datasheet
209Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com