Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELH0101K Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # ELH0101K
Description  Power Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

ELH0101K Datasheet(HTML) 4 Page - Elantec Semiconductor

  ELH0101K Datasheet HTML 1Page - Elantec Semiconductor ELH0101K Datasheet HTML 2Page - Elantec Semiconductor ELH0101K Datasheet HTML 3Page - Elantec Semiconductor ELH0101K Datasheet HTML 4Page - Elantec Semiconductor ELH0101K Datasheet HTML 5Page - Elantec Semiconductor ELH0101K Datasheet HTML 6Page - Elantec Semiconductor ELH0101K Datasheet HTML 7Page - Elantec Semiconductor ELH0101K Datasheet HTML 8Page - Elantec Semiconductor ELH0101K Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ELH010188385089012YX
Power Operational Amplifier
AC Electrical Characteristics V
S
e g
15V TA e TC e TJ e 25 C
Contd
Parameter
Description
Test Conditions
ELH0101
ELH0101A
Level
Test
Units
Min
Typ
Max
Min
Typ
Max
GBW
Gain-Bandwidth
RL e % AV e 1
4
5
4
5
I
MHz
Product
ELH0101AK
tS
Large Signal
Settling Time
RL e % AV e 12
2
V
ms
(001%)
THD
Total Harmonic
f e 1 kHz PO e 05W
0008
0008
V
%
Distortion
RL e 10X
Note 1 Specification is at TA e 25 C Actual values at operating temperature may differ from the TA e 25 C value When supply
voltages are g15V quiescent operating junction temperature will rise approximately 20 C without heatsinking Accordingly
VOS may change 05 mV and IB and IOS will change significantly during warm-ups Refer to IB vs temperature and power
dissipation graphs for expected values
Note 2 Change in offset voltage with dissipated power is due entirely to average device temperature rise and not to differential
thermal feedback effects Test is performed without any heatsink
Note 3 At light loads the output swing may be limited by the second stage rather than the output stage See the application section
under ‘‘Output swing enhancement’’ for hints on how to obtain extended operation RSC is the current sense resistor
4


Similar Part No. - ELH0101K

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
ELH0002H ELANTEC-ELH0002H Datasheet
190Kb / 8P
   Current Amplifier
ELH0021K ELANTEC-ELH0021K Datasheet
240Kb / 8P
   1 Amp Power Operational Amplifier
ELH0032G ELANTEC-ELH0032G Datasheet
253Kb / 12P
   Fast Operational Amplifier
ELH0032G/883B ELANTEC-ELH0032G/883B Datasheet
253Kb / 12P
   Fast Operational Amplifier
ELH0033G ELANTEC-ELH0033G Datasheet
242Kb / 12P
   Fast Buffer Amplifier
More results

Similar Description - ELH0101K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com