Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZY1120G Datasheet(PDF) 8 Page - Power-One

Part # ZY1120G
Description  ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY1120G Datasheet(HTML) 8 Page - Power-One

Back Button ZY1120G Datasheet HTML 4Page - Power-One ZY1120G Datasheet HTML 5Page - Power-One ZY1120G Datasheet HTML 6Page - Power-One ZY1120G Datasheet HTML 7Page - Power-One ZY1120G Datasheet HTML 8Page - Power-One ZY1120G Datasheet HTML 9Page - Power-One ZY1120G Datasheet HTML 10Page - Power-One ZY1120G Datasheet HTML 11Page - Power-One ZY1120G Datasheet HTML 12Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ZY1120 20A No-Bus POL Data Sheet
3V to 14V Input 0.5V to 5.5V Output
ZD-00790 Rev. 1.6, 25-Jun-10
www.power-one.com
Page 8 of 17
5.
Typical Performance Characteristics
5.1
Efficiency Curves
72
74
76
78
80
82
84
86
88
90
92
94
96
0
2
4
6
8
10
12
14
16
18
20
Output Current, A
Vout=0.5V
Vout=1.2V
Vout=2.5V
Figure 2. Efficiency vs. Load. Vin=3.3V
70
72
74
76
78
80
82
84
86
88
90
92
94
96
0
2
4
6
8
101214
1618
20
Output Current, A
Vout=0.5V
Vout=1.2V
Vout=2.5V
Vout=3.3V
Figure 3. Efficiency vs. Load. Vin=5V
68
70
72
74
76
78
80
82
84
86
88
90
92
94
0
2
4
6
8
10
12
1416
1820
Output Current, A
Vout=1.2V
Vout=2.5V
Vout=3.3V
Vout=5.0V
Figure 4. Efficiency vs. Load. Vin=12V
60
65
70
75
80
85
90
95
0.5
1.5
2.5
3.5
4.5
5.5
Output Voltage, V
Vin=3.3V
Vin=5.0V
Vin=12V
Figure 5. Efficiency vs. Output Voltage, Iout=20A


Similar Part No. - ZY1120G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZY11 DIODES-ZY11 Datasheet
63Kb / 3P
   SILICON POWER ZENER DIODE
DS21406 Rev. E-3
logo
New Jersey Semi-Conduct...
ZY11 NJSEMI-ZY11 Datasheet
102Kb / 2P
   ZENER DIODES
logo
General Semiconductor
ZY11 GE-ZY11 Datasheet
364Kb / 7P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
ZY11 SUNMATE-ZY11 Datasheet
115Kb / 2P
   2 Watts Axial Leaded Zener Diodes
logo
Diotec Semiconductor
ZY11 DIOTEC-ZY11 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
More results

Similar Description - ZY1120G

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
logo
Maxim Integrated Produc...
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
   4V to 14V Input Range
Rev 0; 6/12
logo
Texas Instruments
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
[Old version datasheet]   Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com