Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELH0032G Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # ELH0032G
Description  Fast Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

ELH0032G Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button ELH0032G Datasheet HTML 4Page - Elantec Semiconductor ELH0032G Datasheet HTML 5Page - Elantec Semiconductor ELH0032G Datasheet HTML 6Page - Elantec Semiconductor ELH0032G Datasheet HTML 7Page - Elantec Semiconductor ELH0032G Datasheet HTML 8Page - Elantec Semiconductor ELH0032G Datasheet HTML 9Page - Elantec Semiconductor ELH0032G Datasheet HTML 10Page - Elantec Semiconductor ELH0032G Datasheet HTML 11Page - Elantec Semiconductor ELH0032G Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ELH0032G8838001301ZX
Fast Operational Amplifier
ELH0032 Macromodel
Connections
a
input
l
b
input
ll
a
Vsupply
lll
b
Vsupply
llll
Comp 3
lllll
Comp 4
llllll
Comp 2
llllll
l
Output
llllll
l
l
llllll
l
l
subckt M0032
6
5
12
10
3
4
2
11
Models
model qfa njf (vtoeb25V betae111eb3 cgde2pF cgse5pF me03744)
model qp pnp (ise5eb14 bfe150 vafe100 ikfe100mA tfe 53nS vtfe0 isee1nA
a
cjce4pF cjee57pF tre170nS rbe3bre5 mjee 32 mjce 43 xtbe21 nee4
a
isce1nA nce4 itfe 4 vtfe4 xtfe6)
model qn npn (ise5eb14 bfe150 vafe800 ikfe200mA tfe 53nS vtfe0
a
cjce4pF cjee5pF rbe3bre5 mjee 42 MJCe 23 tre200nS xtbe21
a
isee4nA nee4 isce4nA nce4 itfe 4 vtfe4 xtfe2)
model qfb njf (vtoeb28V betae4eb3 cgde7pF cgse8pF lambdae4eb3)
model zener d (bve249V ibve1mA)
Resistors and Capacitors
r1 12 4 700
r2 12 3 700
r3 12 105 160
r4 103 100 10
r5 108 100 10
r6 12 101 22K
r7 113 11 10
r8 11 112 10
r9 102 10 407
cs2 10 116 100pF
Transistors and Diodes
j1a 4 5 103 qfa
j1b 3 6 108 qfa
j2 111 10 116 qfb
q1 104 4 105 qp
q2 2 3 105 qp
q3 114 11 104 qp
q4 12 2 113 qn
q5 10 111 112 qp
q6 2 2 110 qn
q7 111 111 110 qp
q8 100 101 102 qn
d1 10 117 zener
q9 101 101 117 qn
q10 114 114 10 qn
q11 116 114 10 qn
ends
8


Similar Part No. - ELH0032G

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
ELH0033G ELANTEC-ELH0033G Datasheet
242Kb / 12P
   Fast Buffer Amplifier
More results

Similar Description - ELH0032G

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3507J BURR-BROWN-3507J Datasheet
117Kb / 2P
   Fast-Slewing OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
   150MHz, Fast Settling Operational Amplifier
November 19, 2004
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com