Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8523310VSG Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z8523310VSG
Description  EMSCC??Enhanced Mono Serial Communication Controller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8523310VSG Datasheet(HTML) 1 Page - Zilog, Inc.

  Z8523310VSG Datasheet HTML 1Page - Zilog, Inc. Z8523310VSG Datasheet HTML 2Page - Zilog, Inc. Z8523310VSG Datasheet HTML 3Page - Zilog, Inc. Z8523310VSG Datasheet HTML 4Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Copyright ©2008 by Zilog®, Inc. All rights reserved.
www.zilog.com
FEATURES
Hardware and software compatible with
Zilog's SCC/ ESCC™
Deeper Data FIFOs
4-Byte Transmit FIFO
8-Byte Receive FIFO
Programmable FIFO Interrupt Levels Provide
Flexible Interrupt Response
Many Improvements toSupport SDLC/
HDLCTransfers:
Deactivation of /RTS Pin after Closing
Flag
Automatic Transmission of the Opening
Flag
Automatic Reset of Tx Underrun/EOM
Latch
Complete CRC Reception
TxD pin Automatically Forced High with
NRZI Encoding when Using Mark Idle.
Receive FIFO Automatically Unlocked for
Special Receive Interrupts when Using the
SDLC Status FIFO.
Back-to-Back Frame Transmission Simpli-
fied
Easier Interface to Popular CPUs
Fast Speeds:
10.0 MHz for Data Rates up to 2.5 Mbit/
Sec.
16.384 MHz for Data Rates up to 4.096
Mbit/Sec. -20.0 MHz for Data Rates up to
5.0 Mbit/Sec.
Improved SDLC Frame Status FIFO
Low Power CMOS
New Programmable Features Added with
Write Register 7'
Write registers: WR3, WR4, WR5, and WR10
are Now Readable
Read Register 0 Latched During Access
Software Interrupt Acknowledge Mode
DPLL Counter Output Available as Jitter-Free
Clock Source
/DTR//REQ Pin Deactivation Time Reduced
A Full-Duplex Channel with a Crystal Oscilla-
tor, Baud Rate Generator, and Digital Phase-
Locked Loop.
Multi-Protocol Operation Under Program Con-
trol
Asynchronous Mode/Synchronous Mode
GENERAL DESCRIPTION
The Zilog Enhanced Mono Serial Communication-
Controller, Z85233 EMSCC, is a software compat-
ible CMOS member of the SCC family introduced
by Zilog in 1981. The EMSCC is a full-duplex data
communications controller capable of supporting a
wide range of popular protocols. The Z85233
EMSCC is a single channel version (Channel A) of
Zilog's Z85230 ESCC. Based on Zilog's unique
Superintegration™ Technology, the EMSCC is
compatible with designs using Zilog's SCC and
ESCC to receive and transmit data. It has many
improvements that significantly reduce CPU over-
head. The addition of a 4-byte transmit FIFO and
an 8-byte receive FIFO significantly reduces the
overhead required to provide data to, and get data-
from, the transmitter and receiver.
The EMSCC also has many features that improve
packet handling in SDLC mode. The EMSCC will
EMSCC™ Enhanced Mono Serial Communication Controller
PB005802-0608
Z85233
Product Brief


Similar Part No. - Z8523310VSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8523310VSC ZILOG-Z8523310VSC Datasheet
637Kb / 2P
   ZiLOGs Family of Serial Communication Controllers
More results

Similar Description - Z8523310VSG

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8523316VSG ZILOG-Z8523316VSG Datasheet
58Kb / 4P
   EMSCC??Enhanced Mono Serial Communication Controller
Z85233 ZILOG-Z85233 Datasheet
363Kb / 19P
   EMSCC-TM ENHANCED MONO SERIAL COMMUNICATION CONTROLLER
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
   ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
logo
Prosoft-Technology
MVI69E-MBS PROSOFT-MVI69E-MBS Datasheet
538Kb / 2P
   Modbus Serial Enhanced Communication Module
MVI56E-GSC PROSOFT-MVI56E-GSC Datasheet
398Kb / 3P
   Generic ASCII Serial Enhanced Communication Module
logo
Zilog, Inc.
Z85230 ZILOG-Z85230 Datasheet
1Mb / 120P
   ENHANCED SERIAL COMMUNICATIONS CONTROLLER
Z8523020PSG ZILOG-Z8523020PSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com