Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0107MA116 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # Z0107MA116
Description  Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0107MA116 Datasheet(HTML) 2 Page - NXP Semiconductors

  Z0107MA116 Datasheet HTML 1Page - NXP Semiconductors Z0107MA116 Datasheet HTML 2Page - NXP Semiconductors Z0107MA116 Datasheet HTML 3Page - NXP Semiconductors Z0107MA116 Datasheet HTML 4Page - NXP Semiconductors Z0107MA116 Datasheet HTML 5Page - NXP Semiconductors Z0107MA116 Datasheet HTML 6Page - NXP Semiconductors Z0107MA116 Datasheet HTML 7Page - NXP Semiconductors Z0107MA116 Datasheet HTML 8Page - NXP Semiconductors Z0107MA116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
Z0107MA
4Q Triac
Z0107MA
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
23 August 2013
2 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VD = 12 V; IT = 0.1 A; T2- G-;
Tj = 25 °C; Fig. 7
-
-
5
mA
VD = 12 V; IT = 0.1 A; T2- G+;
Tj = 25 °C; Fig. 7
-
-
7
mA
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
T2
main terminal 2
2
G
gate
3
T1
main terminal 1
1
2
3
TO-92 (SOT54)
sym051
T1
G
T2
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
Z0107MA
TO-92
plastic single-ended leaded (through hole) package; 3 leads
SOT54


Similar Part No. - Z0107MA116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0107MA1AA2 STMICROELECTRONICS-Z0107MA1AA2 Datasheet
74Kb / 8P
   1A TRIACS
Z0107MA1AA2 STMICROELECTRONICS-Z0107MA1AA2 Datasheet
96Kb / 9P
   1 A Triacs
Z0107MA1AA2 STMICROELECTRONICS-Z0107MA1AA2 Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

Similar Description - Z0107MA116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
logo
Silikron Semiconductor ...
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
   Direct Logic-Level Interface: TTL/CMOS
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
   Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
   Direct Logic-Level Interface: TTL/CMOS
logo
NXP Semiconductors
BT137-600D NXP-BT137-600D Datasheet
157Kb / 13P
   Direct triggering from low power drivers and logic ICs
Rev. 3-24 March 2011
logo
Intersil Corporation
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com