Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPM130E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GPM130E
Description  130 Watt Global Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GPM130E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GPM130E Datasheet HTML 1Page - List of Unclassifed Manufacturers GPM130E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
55
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
GPC130 Commercial/GPM130 Medical 130 Watt Multiple Output
GPC130/GPM130 MECHANICAL SPECIFICATIONS
A.Total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load.
B. Unrestricted natural convection cooling.
C. Requires 26 cfm moving air.
A. Units should be allowed to warm up/operate under non-condensing conditions
before application of power.
B. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to 2000Hz, 3
orthogonal axes.Tested for 10 min./axis operating and 1 hr./axis non-operating.
C. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3 orthogonal axes,
total 6 shocks.
l
a
t
n
e
m
n
o
r
i
v
n
E
n
o
i
t
a
c
i
f
i
c
e
p
S
g
n
i
t
a
r
e
p
O
g
n
i
t
a
r
e
p
o
-
n
o
N
)
A
(
e
r
u
t
a
r
e
p
m
e
Ts
c
e
p
s
l
a
u
d
i
v
i
d
n
i
e
e
S5
8
+
o
t
0
4
-
oC
)
A
(
y
t
i
d
i
m
u
HH
R
%
5
9
o
t
0H
R
%
5
9
o
t
0
)
B
(
k
c
o
h
Sg
0
2
k
p
g
0
4
k
p
e
d
u
t
i
t
l
At
f
0
0
0
,
0
1
o
t
0
0
5
-t
f
0
0
0
,
0
4
o
t
0
0
5
-
)
C
(
n
o
i
t
a
r
b
i
Vg
5
.
1
s
m
r
g
3
0
0
.
0
,
2
z
H
/g
5
s
m
r
g
6
2
0
.
0
,
2
z
H
/
l
a
i
c
r
e
m
m
o
C
l
e
d
o
M
l
a
c
i
d
e
M
l
e
d
o
M
.
o
N
t
u
p
t
u
O
t
u
p
t
u
O
t
u
p
t
u
O
m
u
m
i
n
i
M
t
u
p
t
u
O
)
B
(
m
u
m
i
x
a
M
t
u
p
t
u
O
)
C
(
m
u
m
i
x
a
M
k
a
e
P
t
u
p
t
u
O
P
-
P
e
s
i
o
N
l
a
t
o
T
)
A
(
n
o
i
t
a
l
u
g
e
R
A
0
3
1
C
P
G
A
0
3
1
M
P
G
1
2
3
4
V
5
+
V
2
1
+
V
2
1
-
V
2
1
+
A
3
A
0
A
0
A
0
A
6
1
A
5
A
2
.
1
A
2
.
1
A
0
2
A
5
A
2
.
1
A
2
.
1
A
5
2
A
8
A
5
.
1
A
5
.
1
V
m
0
5
V
m
0
2
1
V
m
0
2
1
V
m
0
2
1
%
2
%
2
%
3
%
3
B
0
3
1
C
P
G
B
0
3
1
M
P
G
1
2
3
4
V
5
+
V
2
1
+
V
5
-
V
2
1
-
A
3
A
0
A
0
A
0
A
6
1
A
5
A
2
.
1
A
2
.
1
A
0
2
A
5
A
2
.
1
A
2
.
1
A
5
2
A
8
A
5
.
1
A
5
.
1
V
m
0
5
V
m
0
2
1
V
m
0
5
V
m
0
2
1
%
2
%
2
%
3
%
3
C
0
3
1
C
P
G
C
0
3
1
M
P
G
1
2
3
4
V
5
+
V
2
1
+
V
5
1
-
V
5
1
+
A
3
A
0
A
0
A
0
A
6
1
A
5
A
2
.
1
A
2
.
1
A
0
2
A
5
A
2
.
1
A
2
.
1
A
5
2
A
8
A
5
.
1
A
5
.
1
V
m
0
5
V
m
0
2
1
V
m
0
5
1
V
m
0
5
1
%
2
%
2
%
3
%
3
D
0
3
1
C
P
G
D
0
3
1
M
P
G
1
2
3
4
V
5
+
V
4
2
+
V
2
1
-
V
2
1
+
A
3
A
0
A
0
A
0
A
6
1
A
5
.
3
A
2
.
1
A
2
.
1
A
0
2
A
5
.
3
A
2
.
1
A
2
.
1
A
5
2
A
5
A
5
.
1
A
5
.
1
V
m
0
5
V
m
0
4
2
V
m
0
2
1
V
m
0
2
1
%
2
%
2
%
3
%
3
E
0
3
1
C
P
G
E
0
3
1
M
P
G
1
2
3
4
V
5
+
V
4
2
+
V
5
1
-
V
5
1
+
A
3
A
0
A
0
A
0
A
6
1
A
5
.
3
A
2
.
1
A
2
.
1
A
0
2
A
5
.
3
A
2
.
1
A
2
.
1
A
5
2
A
5
A
5
.
1
A
5
.
1
V
m
0
5
V
m
0
4
2
V
m
0
5
1
V
m
0
5
1
%
2
%
2
%
3
%
3


Similar Part No. - GPM130E

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPM130E SLPOWER-GPM130E Datasheet
279Kb / 2P
   130 Watt Global Performance Switchers
More results

Similar Description - GPM130E

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPC130 SLPOWER-GPC130 Datasheet
279Kb / 2P
   130 Watt Global Performance Switchers
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com