Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM79M00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NJM79M00
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJM79M00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NJM79M00 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJM79M00 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJM79M00 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM79M00 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJM79M00 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJM79M00 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJM79M00 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJM79M00
- 2 -
Ver.2012-05-30
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25ºC)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Input Voltage
VIN
79M05 to 79M09
79M12 to 79M15
79M18 to 79M24
-35
-35
-40
V
Storage Temperature Range
Tstg
TO-220F -40 to +150
TO-252 -40 to +150
ºC
Operating Temperature Range
Operating Junction Temperature
Operating Junction Temperature
Tj
Topr
TO-220F -40 to +150
TO-252 -40 to +150
-40 to +85
ºC
Power Dissipation
PD
7.5(TC≤75ºC)
W
■ THERMAL CHARACTERISTICS
TO-220F
TO-252
Junction-to-Ambient Temperature
θja
60
125
Thermal Resistance
Junction-to-Case
θjc
7
12.5
ºC/W
ELECTRICAL CHARACTERISTICS (Tj=25ºC, CIN=2.2µF, CO=1.0µF)
Measurement is to be conduced in pulse testing
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM79M05FA/DL1A
Output Voltage
VO
VIN
=-10V, IO=0.35A
-4.8
-5.0
-5.2
V
Quiescent Current
IQ
VIN
=-10V, IO=0mA
-
2.2
5.0
mA
Load Regulation
∆VO - IO
VIN
=-10V, IO=0.005 to 0.5A
-
35
50
mV
Line Regulation
∆VO- VIN
VIN
=-7 to -25V, IO=0.35A
-
5
50
mV
Ripple Rejection
RR
VIN
=-10V, IO=0.35A, ein=2VP-P, f=120Hz
50
58
-
dB
Output Noise Voltage
VNO
VIN
=-10V, IO=0.35A, BW=10Hz to 100kHz,
-
100
-
µV
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN
=-10V, IO=5mA
-
-0.4
-
mV/ºC


Similar Part No. - NJM79M00

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM79M00 NJRC-NJM79M00 Datasheet
326Kb / 8P
   3-TERMINAL NEGAYIVE VOLTAGE REGULATOR???
logo
List of Unclassifed Man...
NJM79M00 ETC2-NJM79M00 Datasheet
427Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
New Japan Radio
NJM79M00DL1A NJRC-NJM79M00DL1A Datasheet
326Kb / 8P
   3-TERMINAL NEGAYIVE VOLTAGE REGULATOR???
NJM79M00DLA NJRC-NJM79M00DLA Datasheet
326Kb / 8P
   3-TERMINAL NEGAYIVE VOLTAGE REGULATOR???
NJM79M00FA NJRC-NJM79M00FA Datasheet
326Kb / 8P
   3-TERMINAL NEGAYIVE VOLTAGE REGULATOR???
More results

Similar Description - NJM79M00

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79LXX SECOS-S79LXX Datasheet
720Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com