Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT689B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FZT689B
Description  SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FZT689B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FZT689B Datasheet HTML 1Page - Fairchild Semiconductor FZT689B Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT223 NPN SILICON PLANAR MEDIUM
POWER HIGH GAIN TRANSISTOR
ISSUE 3 - OCTOBER 1995
FEATURES
* Gain of 400 at IC=2 Amps and low saturation voltage
* Extremely low equivalent on-resistance; RCE(sat) 92mΩ at 3A
APPLICATIONS
* Darlington replacement
* Flash gun convertors and Battery powered circuits
PARTMARKING DETAIL -
FZT689B
COMPLEMENTARY TYPE -
FZT789B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
8A
Continuous Collector Current
IC
3A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT CONDITIONS.
Breakdown Voltage
Collector-Base
Collector-Emitter
V(BR)CBO
20
V
IC=100µA
V(BR)CEO
20
V
IC=10mA*
Emitter-Base
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current
ICBO
0.1
µ
A
VCB=16V
Emitter Cut-Off Current
IEBO
0.1
µ
A
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.10
0.50
0.45
V
V
V
IC=0.1A, IB=0.5mA*
IC=2A, IB=10mA*
IC=3A, IB=20mA*
Base-EmitterSaturationVoltage VBE(sat)
0.9
V
IC=1A, IB=10mA*
Base-Emitter
Turn-On Voltage
VBE(on)
0.9
V
IC=1A, VCE=2V*
Static Forward
Current Transfer
Ratio
hFE
500
400
150
IC=0.1A, VCE=2V*
IC=2A, VCE=2V*
IC=6A, VCE=2V*
Transition Frequency
fT
150
MHz
IC=50mA, VCE=5V
f=50MHz
Input Capacitance
Cibo
200
pF
VEB=0.5V, f=1MHz
Output Capacitance
Cobo
16
pF
VCB=10V, f=1MHz
Switching Times
ton
toff
30
800
ns
ns
IC=500mA,IB1=50mA
IB2=50mA, VCC=10V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FZT689B
FZT689B
C
C
E
B
3 - 220
3 - 219
-55°C
+25°C
+100°C
+175°C
+100°C
+25°C
-55°C
0.01
0.1
1
10
0.4
0.2
0
0.8
0.6
0.01
0.1
1
10
0.4
0.2
0
0.8
0.6
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
VCE(sat) v IC
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
VCE=2V
VCE=2V
1.5K
1K
500
Tamb=25°C
IC/IB=10
IC/IB=200
IC/IB=100
IC/IB=100
-55°C
+25°C
+100°C
+175°C
0
0
-55°C
+25°C
+100°C
+175°C
IC/IB=100
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
0.1
10


Similar Part No. - FZT689B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT689B ZETEX-FZT689B Datasheet
103Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT689B DIODES-FZT689B Datasheet
115Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
   20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results

Similar Description - FZT689B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT694B DIODES-FZT694B_15 Datasheet
111Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1047A DIODES-FZT1047A_15 Datasheet
131Kb / 4P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT688B DIODES-FZT688B_15 Datasheet
114Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT696B DIODES-FZT696B Datasheet
110Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1053A DIODES-FZT1053A Datasheet
73Kb / 4P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT692B DIODES-FZT692B Datasheet
104Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
List of Unclassifed Man...
FZT696BTA ETC2-FZT696BTA Datasheet
110Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT688BTA ETC2-FZT688BTA Datasheet
109Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT788BTA DIODES-FZT788BTA Datasheet
93Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT788ATA ZETEX-FZT788ATA Datasheet
87Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com