Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F3AA012E-HA Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-F3AA012E-HA
Description  POWER RELAY 1 POLE 5A SLIM TYPE RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F3AA012E-HA Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-F3AA012E-HA Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F3AA012E-HA Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F3AA012E-HA Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F3AA012E-HA Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F3AA012E-HA Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F3AA012E-HA Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F3AA012E-HA Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F3AA012E-HA Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FTR-F3-HA sERIEs
n
DIMENsIONs
l
Dimensions
l
Schematics
(BOTTOMVIEW)
l
PC board mounting
hole layout
(BOTTOMVIEW)
20.3 +0.2(.799+.008)
8.8(.346)
1.32(.052)
f0.45(.017)
0.35(.014)
0.35(.014)
0.8(.031)
4.7
(.185)
7.0+0.2
(.275+.012)
f0.45(.017)
(.106)
2.7
7.0(.276)
1.25(.049)
4-ø1.1(.043)
7(.276)
8.8(.346)
1.32(.052)
2.7
(.106)
2
1
4
3
COM
NO


Similar Part No. - FTR-F3AA012E-HA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3AA012E FUJITSU-FTR-F3AA012E Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3AA012EHA FUJITSU-FTR-F3AA012EHA Datasheet
553Kb / 6P
   1 POLE 3A SsLIM TYPE RELAY
FTR-F3AA012EHA FUJITSU-FTR-F3AA012EHA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA012EKS FUJITSU-FTR-F3AA012EKS Datasheet
553Kb / 6P
   1 POLE 3A SsLIM TYPE RELAY
FTR-F3AA012EKS FUJITSU-FTR-F3AA012EKS Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
More results

Similar Description - FTR-F3AA012E-HA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
   1a 5A slim power relay
logo
Fujitsu Component Limit...
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_09 Datasheet
618Kb / 10P
   POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com